Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043UC/2K5G4 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC8043UC/2K5G4
Description  12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8043UC/2K5G4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8043UC/2K5G4 Datasheet HTML 1Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 2Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 3Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 4Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 5Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 6Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 7Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 8Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
DAC8043
LINEARITY ERROR vs DIGITAL CODE
Digital Input Code (Decimal)
0
1024
2048
3072
4096
1
0.75
0.5
0.25
0
–0.25
–0.5
–0.75
–1
T
A = +25°C
V
REF = +10V
DNL ERROR vs REFERENCE VOLTAGE
0.5
0.25
0
–0.25
–0.5
V
REF (V)
24
6
8
10
TOTAL HARMONIC DISTORTION vs FREQUENCY
(Multiplying Mode)
10
Frequency (Hz)
100
1000
10000
0
–20
–40
–60
–80
–100
–120
V
DD = +5V
V
IN = 6Vrms
T
A = +25°C
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
V
IN (V)
01234
V
DD = +5V
GAIN vs FREQUENCY
0
–20
–40
–60
–80
–100
–120
Frequency (Hz)
1k
10k
100k
1M
10M
Digital Input
= 1111 1111 1111
Digital Input
= 0000 0000 0000
V
DD = +5V
V
REF = 100mV
T
A = +25°C
LINEARITY ERROR vs REFERENCE VOLTAGE
0.5
0.25
0
–0.25
–0.5
V
REF (V)
2468
10
TYPICAL PERFORMANCE CURVES
At VDD = +5V; VREF = +10V; IOUT = GND = 0V; TA = Full Temperature Range specified under Absolute Maximum Ratings, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com