Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043UC/2K5G4 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC8043UC/2K5G4
Description  12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8043UC/2K5G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8043UC/2K5G4 Datasheet HTML 2Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 3Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 4Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 5Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 6Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 7Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 8Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 9Page - Texas Instruments DAC8043UC/2K5G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
DAC8043
DISCUSSION OF
SPECIFICATIONS
RELATIVE ACCURACY
This term, also known as end point linearity or integral
linearity, describes the transfer function of analog output to
digital input code. Relative accuracy describes the deviation
from a straight line, after zero and full scale errors have been
adjusted to zero.
DIFFERENTIAL NONLINEARITY
Differential nonlinearity is the deviation from an ideal 1LSB
change in the output when the input code changes by 1LSB.
A differential nonlinearity specification of 1LSB maximum
guarantees monotonicity.
GAIN ERROR
Gain error is the difference between the full-scale DAC
output and the ideal value. The ideal full scale output value
for the DAC8043 is –(4095/4096)VREF. Gain error may be
adjusted to zero using external trims as shown in Figure 4.
OUTPUT LEAKAGE CURRENT
The current which appears at I
OUT with the DAC loaded with
all zeros.
OUTPUT CAPACITANCE
The parasitic capacitance measured from I
OUT to GND.
FEEDTHROUGH ERROR
The AC output error due to capacitive coupling from VREF to
I
OUT with the DAC loaded with all zeros.
OUTPUT CURRENT SETTLING TIME
The time required for the output current to settle to within
+0.01% of final value for a full scale step.
DIGITAL-TO-ANALOG GLITCH ENERGY
The integrated area of the glitch pulse measured in nanovolt-
seconds. The key contributor to digital-to-analog glitch is
charge injected by digital logic switching transients.
CIRCUIT DESCRIPTION
Figure 1 shows a simplified schematic of a DAC8043. The
current from the VREF pin is switched between IOUT and GND
by 12 single-pole double-throw CMOS switches. This main-
tains a constant current in each leg of the ladder regardless of
the input code. The input resistance at V
REF is therefore
constant and can be driven by either a voltage or current, AC
or DC, positive or negative polarity, and have a voltage range
up to
±20V.
A CMOS switch transistor, included in series with the ladder
terminating resistor and in series with the feedback resistor,
RFB, compensates for the temperature drift of the ON resis-
tance of the ladder switches.
Figure 2 shows an equivalent circuit for the DAC. COUT is the
output capacitance due to the N-channel switches and varies
from about 80pF to 110pF with digital input code. The current
source I
LKG is the combination of surface and junction leak-
ages to the substrate. ILKG approximately doubles every 10°C.
R
O is the equivalent output resistance of the D/A and it varies
with input code.
FB
R
OUT
I
V
REF
I
LKG
R
OUT
C
O
R
GND
D
IN
4096
x
V
REF
R
R
FIGURE 2. Equivalent Circuit for the DAC.
INSTALLATION
ESD PROTECTION
All digital inputs of the DAC8043 incorporate on-chip ESD
protection circuitry. This protection is designed to withstand
2.5kV (using the Human Body Model, 100pF and 1500
Ω).
However, industry standard ESD protection methods should
be used when handling or storing these components. When
not in use, devices should be stored in conductive foam or
rails. The foam or rails should be discharged to the destina-
tion socket potential before devices are removed.
POWER SUPPLY CONNECTIONS
The DAC8043 is designed to operate on VDD = +5V ±5%.
For optimum performance and noise rejection, power supply
decoupling capacitors CD should be added as shown in the
application circuits. These capacitors (1
µF tantalum recom-
mended) should be located close to the D/A. Output op amp
analog common (+ input) should be connected as near to the
GND pins of the DAC8043 as possible.
WIRING PRECAUTIONS
To minimize AC feedthrough when designing a PC board,
care should be taken to minimize capacitive coupling be-
tween the VREF lines and the IOUT lines. Coupling from any
of the digital control or data lines might degrade the glitch
performance. Solder the DAC8043 directly into the PC board
without a socket. Sockets add parasitic capacitance (which
can degrade AC performance).
OUT
I
GND
FB
R
2R
2R
2R
2R
2R
RR
R
V
REF
Bit 1
(MSB)
Bit 2
Bit 3
Bit 12
(LSB)
R
FIGURE 1. Simplified Circuit Diagram for the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com