Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043U/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8043U/2K5
Description  12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8043U/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8043U/2K5 Datasheet HTML 3Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 4Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 5Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 6Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 7Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 8Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 9Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 10Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
DAC8043
AMPLIFIER OFFSET VOLTAGE
The output amplifier used with the DAC8043 should have
low input offset voltage to preserve the transfer function
linearity. The voltage output of the amplifier has an error
component which is the offset voltage of the op amp multi-
plied by the “noise gain” of the circuit. This “noise gain” is
equal to (RF/RO + 1) where RO is the output impedance of the
D/A IOUT terminal and RF is the feedback network imped-
ance. The nonlinearity occurs due to the output impedance
varying with code. If the 0 code case is excluded (where
RO = infinity), the RO will vary from R to 3R providing a
“noise gain” variation between 4/3 and 2. In addition, the
variation of RO is nonlinear with code, and the largest steps
in RO occur at major code transitions where the worst
differential nonlinearity is also likely to be experienced. The
nonlinearity seen at the amplifier output is
2V
OS – 4VOS /3 = 2VOS/3.
Thus, to maintain good nonlinearity the op amp offset should
be much less than 1/2LSB.
UNIPOLAR CONFIGURATION
Figure 3 shows DAC8043 in a typical unipolar (two-quad-
rant) multiplying configuration. The analog output values
versus digital input code are listed in Table I. The operational
amplifiers used in this circuit can be single amplifiers such as
the OPA602, or a dual amplifier such as the OPA2107. C1
provides phase compensation to minimize settling time and
overshoot when using a high speed operational amplifier.
If an application requires the D/A to have zero gain error, the
circuit shown in Figure 4 may be used. Resistor R2 induces
a positive gain error greater than worst-case initial negative
gain error. Trim resistor R1 provides a variable negative gain
error and have sufficient trim range to correct for the worst-
case initial positive gain error plus the error produced by R2.
BIPOLAR CONFIGURATION
Figure 5 shows the DAC8043 in a typical bipolar (four-
quadrant) multiplying configuration. The analog output val-
ues versus digital input code are listed in Table II.
The operational amplifiers used in this circuit can be single
amplifiers such as the OPA602 or a dual amplifier such as
the OPA2107. C1 provides phase compensation to minimize
settling time and overshoot when using a high speed opera-
tional amplifier. The bipolar offset resistors R1–R2 should
be ratio-matched to 0.01% to ensure the specified gain error
performance.
DATA INPUT
ANALOG OUTPUT
MSB
↓↓ LSB
1111 1111 1111
–VREF (4095/4096)
1000 0000 0000
–VREF (2048/4096) = –1/2VREF
0000 0000 0001
–VREF (1/4096)
0000 0000 0000
0 Volts
TABLE I. Unipolar Output Code.
DATA INPUT
ANALOG OUTPUT
MSB
↓↓ LSB
1111 1111 1111
+V
REF (2047/2048)
1000 0000 0001
+V
REF (1/2048)
1000 0000 0000
0 Volts
0111 1111 1111
–V
REF (1/2048)
0000 0000 0000
–V
REF (2048/2048)
TABLE II. Bipolar Output Code.
R
2
Ω
47
DAC
I
OUT
GND
R
FB
C
1 10pF
V
OUT
–
+
A1
V
DD
+5V
C
D
A1 OPA602 or 1/2 OPA2107.
+
1µF
V
IN
R
100
1
Ω
REF
V
DAC8043
FIGURE 4. Unipolar Configuration with Gain Trim.
FIGURE 3. Unipolar Configuration.
DAC
I
OUT
GND
R
FB
C
1
10pF
DAC8043
V
OUT
–
+
A1
V
REF
V
DD
+5V
C
D
A1 OPA602 or 1/2 OPA2107.
+
1µF
FIGURE 5. Bipolar Configuration.
R
3
10k
1
C
10pF
DAC
V
REF
V
DD
+5V
C
D
R
2
Ω
20k
V
OUT
A1
A1–A2, OPA602 or 1/2 OPA2107.
A2
–
+
Ω
R
1
Ω
20k
I
OUT
R
FB
–
+
GND
1µF
+
DAC8043



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com