Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043U/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8043U/2K5
Description  12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8043U/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8043U/2K5 Datasheet HTML 1Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 2Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 3Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 4Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 5Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 6Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 7Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 8Page - Texas Instruments DAC8043U/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
DAC8043
DAC8043
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC8043
FEATURES
q 12-BIT ACCURACY IN 8-PIN SOIC
q FAST 3-WIRE SERIAL INTERFACE
q LOW INL AND DNL:
±1/2 LSB max
q GAIN ACCURACY TO
±1LSB max
q LOW GAIN TEMPCO: 5ppm/
°C max
q OPERATES WITH +5V SUPPLY
q TTL/CMOS COMPATIBLE
q ESD PROTECTED
CMOS 12-Bit Serial Input Multiplying
DIGITAL-TO-ANALOG CONVERTER
APPLICATIONS
q AUTOMATIC CALIBRATION
q MOTION CONTROL
q MICROPROCESSOR CONTROL SYSTEMS
q PROGRAMMABLE AMPLIFIER/
ATTENUATORS
q DIGITALLY CONTROLLED FILTERS
DESCRIPTION
The DAC8043 is a 12-bit current output multiplying
digital-to-analog converter (DAC) that is packaged in a
space-saving, surface-mount 8-pin SOIC. Its 3-wire se-
rial interface saves additional circuit board space which
results in low power dissipation. When used with micro-
processors having a serial port, the DAC8043 minimizes
the digital noise feedthrough from its input to output.
The serial port can be used as a dedicated analog bus and
kept inactive while the DAC8043 is in use. Serial inter-
facing reduces the complexity of opto or transformer
isolation applications.
The DAC8043 contains a 12-bit serial-in, parallel-out
shift register, a 12-bit DAC register, a 12-bit CMOS
DAC, and control logic. Serial input (SRI) data is clocked
into the input register on the rising edge of the clock
(CLK) pulse. When the new data word had been clocked
in, it is loaded into the DAC register by taking the LD
input low. Data in the DAC register is converted to an
output current by the D/A converter.
The DAC8043 operates from a single +5V power supply
which makes the DAC8043 an ideal low power, small
size, high performance solution for several applications.
12-Bit
D/A
Converter
12-Bit
DAC Register
12-Bit Input
Shift Register
12
12
V
REF
LD
CLK
SRI
R
FB
I
OUT
V
DD
GND
1
5
7
6
2
3
8
4
R
FB
©1993 Burr-Brown Corporation
PDS-1197B
Printed in U.S.A. March, 1998
SBAS028


Similar Part No. - DAC8043U/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8043U/2K5 TI-DAC8043U/2K5 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC8043U/2K5 TI2-DAC8043U/2K5 Datasheet
213Kb / 13P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
23-May-2025
DAC8043U/2K5.A TI2-DAC8043U/2K5.A Datasheet
213Kb / 13P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
23-May-2025
DAC8043U/2K5G4 TI-DAC8043U/2K5G4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8043U/2K5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
logo
Analog Devices
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
logo
Maxim Integrated Produc...
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
logo
Analog Devices
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
logo
Integrated Device Techn...
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
Packaged in 8-pin SOIC
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
Packaged in 8-pin SOIC
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
Packaged in 8-pin SOIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com