Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5007 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5007 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5007 Datasheet HTML 4Page - Renesas Technology Corp 2SC5007 Datasheet HTML 5Page - Renesas Technology Corp 2SC5007 Datasheet HTML 6Page - Renesas Technology Corp 2SC5007 Datasheet HTML 7Page - Renesas Technology Corp 2SC5007 Datasheet HTML 8Page - Renesas Technology Corp 2SC5007 Datasheet HTML 9Page - Renesas Technology Corp 2SC5007 Datasheet HTML 10Page - Renesas Technology Corp 2SC5007 Datasheet HTML 11Page - Renesas Technology Corp 2SC5007 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC5007
6
S-PARAMETER
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.911
–21.8
9.295
155.2
.026
72.9
.934
–14.9
200.00
.821
–41.2
8.756
136.9
.045
58.4
.824
–26.3
300.00
.733
–60.9
8.333
121.6
.059
49.0
.709
–33.6
400.00
.650
–79.2
7.605
108.6
.068
42.2
.620
–37.8
500.00
.575
–96.1
7.040
96.7
.076
37.7
.554
–40.8
600.00
.521
–109.4
6.212
86.3
.082
33.3
.499
–42.4
700.00
.475
–122.0
5.673
77.2
.089
29.8
.461
–43.5
800.00
.445
–132.9
5.129
68.6
.094
26.7
.426
–44.4
900.00
.425
–142.3
4.684
60.9
.100
24.4
.401
–44.9
1000.00
.410
–150.8
4.305
53.7
.106
21.7
.378
–46.2
1100.00
.402
–158.1
3.970
47.0
.113
19.1
.360
–46.3
1200.00
.395
–165.2
3.691
40.6
.120
15.8
.346
–47.5
1300.00
.393
–171.3
3.437
34.4
.126
13.1
.329
–48.0
1400.00
.395
–176.8
3.225
28.3
.132
10.5
.319
–49.8
1500.00
.394
177.8
3.026
22.1
.139
7.6
.304
–50.8
1600.00
.400
173.3
2.877
16.6
.148
4.8
.296
–51.9
1700.00
.402
168.5
2.711
10.6
.155
1.6
.285
–54.3
1800.00
.411
164.8
2.585
5.1
.163
–2.0
.273
–55.8
1900.00
.421
160.0
2.476
–.9
.169
–5.6
.260
–58.0
2000.00
.428
155.5
2.356
–6.3
.174
–8.7
.248
–59.4
2100.00
.435
151.7
2.262
–11.9
.181
–11.7
.240
–61.5
2200.00
.440
148.5
2.165
–17.4
.188
–14.9
.229
–64.1
2300.00
.451
145.0
2.099
–22.9
.196
–18.4
.221
–66.1
2400.00
.455
141.9
2.012
–28.2
.203
–21.8
.209
–69.1
2500.00
.466
139.2
1.949
–33.3
.210
–25.1
.200
–71.4
2600.00
.473
135.9
1.882
–38.8
.219
–28.8
.190
–76.0
2700.00
.481
133.6
1.825
–43.8
.225
–32.3
.179
–79.0
2800.00
.491
130.9
1.768
–49.2
.233
–35.8
.171
–83.7
2900.00
.500
128.4
1.708
–54.1
.241
–39.2
.161
–88.1
3000.00
.511
126.0
1.667
–59.3
.250
–43.0
.155
–92.9
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.966
–15.9
5.685
159.8
.027
75.8
.964
–10.8
200.00
.900
–32.9
5.646
142.9
.050
61.9
.897
–20.1
300.00
.842
–48.9
5.582
128.9
.067
50.8
.813
–27.0
400.00
.774
–64.5
5.257
116.6
.079
42.0
.737
–32.0
500.00
.717
–79.4
5.097
105.5
.089
35.8
.674
–35.9
600.00
.662
–92.0
4.613
94.7
.096
28.7
.618
–38.5
700.00
.607
–104.8
4.379
84.9
.102
24.7
.575
–40.4
800.00
.565
–116.7
4.097
75.2
.107
20.3
.535
–42.3
900.00
.530
–127.3
3.843
66.7
.112
17.3
.505
–43.2
1000.00
.505
–136.9
3.598
58.5
.116
13.3
.477
–44.8
1100.00
.484
–145.1
3.359
51.2
.120
10.7
.456
–45.4
1200.00
.472
–153.4
3.164
43.9
.124
7.8
.439
–47.0
1300.00
.463
–160.3
2.952
37.2
.129
5.4
.420
–47.8
1400.00
.458
–166.7
2.796
30.8
.133
2.7
.407
–49.5
1500.00
.454
–172.7
2.631
24.4
.137
.2
.392
–51.0
1600.00
.455
–178.2
2.508
18.2
.143
–2.4
.383
–52.2
1700.00
.455
176.3
2.382
11.8
.148
–5.2
.369
–54.2
1800.00
.461
171.8
2.275
6.0
.155
–7.9
.359
–56.0
1900.00
.468
166.5
2.182
–.1
.159
–11.9
.345
–58.2
2000.00
.472
161.5
2.077
–5.9
.162
–14.1
.335
–59.9
2100.00
.479
157.3
2.009
–11.6
.168
–16.4
.326
–62.1
2200.00
.481
153.7
1.926
–17.3
.173
–19.3
.315
–64.1
2300.00
.490
149.6
1.864
–22.9
.180
–21.9
.306
–66.6
2400.00
.494
146.0
1.784
–28.5
.186
–24.8
.295
–69.4
2500.00
.504
143.0
1.731
–33.7
.193
–27.2
.286
–71.9
2600.00
.510
139.4
1.677
–39.4
.199
–30.3
.277
–75.6
2700.00
.517
136.7
1.625
–44.6
.206
–33.5
.267
–78.6
2800.00
.529
133.6
1.576
–50.0
.214
–36.6
.260
–82.4
2900.00
.534
130.9
1.524
–55.1
.221
–39.8
.250
–86.6
3000.00
.546
128.3
1.489
–60.3
.229
–43.1
.245
–90.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com