Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5007 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5007 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5007 Datasheet HTML 1Page - Renesas Technology Corp 2SC5007 Datasheet HTML 2Page - Renesas Technology Corp 2SC5007 Datasheet HTML 3Page - Renesas Technology Corp 2SC5007 Datasheet HTML 4Page - Renesas Technology Corp 2SC5007 Datasheet HTML 5Page - Renesas Technology Corp 2SC5007 Datasheet HTML 6Page - Renesas Technology Corp 2SC5007 Datasheet HTML 7Page - Renesas Technology Corp 2SC5007 Datasheet HTML 8Page - Renesas Technology Corp 2SC5007 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©
1993
DATA SHEET
SILICON TRANSISTOR
Document No. P10386EJ2V0DS00 (2nd edition)
(Previous No. TD-2400)
Date Published July 1995 P
Printed in Japan
2SC5007
NPN SILICON EPITAXIAL TRANSISTOR
3 PINS ULTRA SUPER MINI MOLD
DESCRIPTION
The 2SC5007 is an NPN epitaxial silicon transistor designed for use in low noise and small signal amplifiers from
VHF band to UHF band. Low noise figure, high gain, and high current capability achieve a very wide dynamic range
and excellent linearity. This is achieved by direct nitride passivated base surface, process (NEST2 process) which
is an NEC proprietary fabrication technique.
FEATURES
•
Low Voltage Use.
•
High fT
: 7.0 GHz TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 GHz)
•
Low Cre
: 0.45 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz)
•
Low NF
: 1.4 dB TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 GHz)
•
High |S21e|2: 12 dB TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 GHz)
•
Ultra Super Mini Mold Package.
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC5007
50 pcs./Unit
2SC5007-T1
3 kpcs./Reel
* Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
65
mA
Total Power Dissipation
PT
125
mW
Junction Temperature
Tj
150
˚ C
Storage Temperature
Tstg
–65 to +150
˚ C
Embossed tape 8 mm wide.
Pin3 (Collector) face to perforation side
of the tape.
1.6 ± 0.1
0.8 ± 0.1
2
1
3
PACKAGE DIMENSIONS
in millimeters
1. Emitter
2. Base
3. Collector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com