Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E39-R3
Description  Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 2Page - Omron Electronics LLC E39-R3 Datasheet HTML 3Page - Omron Electronics LLC E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC E39-R3 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
E3S-B
E3S-B
9
Dimensions with E
39-L54 Mounting Bracket (included)
41.8
(1.65)
1.2
(0.05)
0.2
(0.01)
34
(1.34)
10.1
(0.40)
16
(0.63)
11 (0.43)
3.4
(0.13)
22.9
(0.90)
20
(0.79)
4.5
(0.18)
29 (1.14)
38
(1.50)
E
39-R1 Reflector
(Optional)
34 (1.34)
7 (0.28)
52
(2.05)
59.9
(2.36)
8 (0.31)
1.6
(0.06)
7.5 (0.30)
2.7 (0.11)
E
39-R4 Optional Mini-reflector
E
39-RSA Optional Adhesive-backed Reflector
E
39-RSB Optional Adhesive-backed Reflector
2
(0.08)
23
(0.91)
13.7 (0.54)
1.4
(0.06)
4.9
(0.19)
0.7
(0.03)
35 (1.38)
35
(1.38)
40 (1.57)
0.7
(0.03)
J
SLITS AND APERTURES FOR THROUGH-BEAM SENSORS
E
39-S47 Slit Set
The kit includes two sets each of 0.5 mm, 1 mm and 2 mm slits.
Mount the adhesive-backed slit to the lens of both emitter and
receiver. Use the same slit size on both emitter and receiver for
best results.
The kit includes two sets each of 0.5 mm, 1 mm and 2 mm
diameter apertures. Mount the adhesive-backed aperture to the
lens of both the emitter and receiver. Use the same aperture
size on both emitter and receiver for best results.
E
39-S48 Aperture Set
13
(0.51)
13
(0.51)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com