Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E39-R3
Description  Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E39-R3 Datasheet HTML 1Page - Omron Electronics LLC E39-R3 Datasheet HTML 2Page - Omron Electronics LLC E39-R3 Datasheet HTML 3Page - Omron Electronics LLC E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
E3S-B
E3S-B
3
Specifications
Part number
E
3S-BTjj
E
3S-BTjj
E
3S-BDjj
Method of detection
Through-beam
Polarized retroreflective
Diffuse reflective
Supply voltage
10 to 30 VDC, !10%
Current consumption
35 mA max. (emitter and receiver)
25 mA max.
Sensing
distance
White mat paper
0to2m
(0 to 6.56 ft)
0.1to1mwithE39-R1
(0.33 to 3.28 ft)
0.1to20cm
(0.04to7.87in)
Black mat paper
(
)
(
)
0.2to6cm
(0.08to2.36in)
With accessories
60 cm (1.97 ft) with E39-E8 filter
1 m (3.28 ft) with 2 mm slit
50 cm (1.64 ft) with 1 mm slit
25 cm (9.84 in) with 0.5 mm slit
60 cm (1.97 ft) with 2 mm dia. aperture
17 cm (6.69 in) with 1 mm dia. aperture
4 cm (1.57 in) with 0.5 mm dia. aperture
10 to 60 cm with E39-R3
(3.94 to 23.62 in)
7to35cmwithE39-R4
(2.76 to 13.78 in)
10 to 20 cm with E39-RSA
(3.94to7.87in)
10 to 30 cm with E39-RSB
(3.94to11.81 in)
—
Light source
Pulse modulated red LED (700 nm)
Standard object Type
Opaque materials
Opaque materials
Opaque and
transparent objects
Size
5.5 mm (0.22 in) dia.
minimum
30 mm (1.18 in) dia.
minimum
10 x 10 cm
(3.94x 3.94 in)
white mat paper
Operation mode
Light-ON/Dark-ON operation, wire selectable
Variation in sensing distance
—
—
+30% max., -0%
max.
Hysteresis
—
—
20% max.
Variation in optical axis
and mounting direction
!2_ max.
Sensitivity
Adjustable, 3/4-turn potentiometer
Mutual interference protection
Not provided
Provided
Provided
Control output
Type
NPN transistor, open collector (E
3S-Bj11, E3SBj61)
PNP transistor, open collector (E
3S-Bj31, E3SBj81)
Max. load
100 mA max. at 30 VDC
Max. ON-state
voltage drop
1 VDC max. at 100 mA load current
Response time
0.5 ms max. for both ON and OFF operation
Circuit protection
Load short-circuit protection, reverse polarity protection
Indicators
Emitter:
Operation (red)
Receiver:
Operation (red)
Stability (green)
Operation (red), Stability (green)
Materials
Lens
Denatured polyarylate
Case
Polybutylene terephthalate (PBT)
Bracket
Stainless steel
Mounting
Either side surface with one stud and one threaded hole. Bracket E
39-L71 for horizontal or
E39-L72 for vertical sensors and hardware included.
Connections
Prewired
2 m (6.56 ft) long cable
Weight
Emitter
56 g (1 96 oz)
56 g (1 96 oz)
65 g (2 28 oz)
Weight
Emitter
56 g (1.96 oz)
56 g (1.96 oz)
65g (2.28 oz)
g
Receive
66 g (2.31 oz)
—
—
Enclosure
rating
IEC 144
IP
67
rating
NEMA
4X, 6
Ambient
Operating
-25_ to 55_C (-13_ to 131_F) with no icing
temperature
Storage
-40_ to 70_C (-40_ to 158_F)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com