Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 135 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 135 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 131Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 132Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 133Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 134Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 135Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 136Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 137Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 138Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 139Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 182 page
background image
Appendix B
Specifications
122
Triac Output Units
Item
3G2A5-OA121
3G2A5-OA222
Max. Switching
Capacity
1 A, 132 VAC, 50/60 Hz (4 A/common, 5 A/Unit)
1 A, 250 VAC, 50/60 Hz (4 A/common, 5 A/Unit)
Min. Switching
Capacity
10 mA (resistive load) , 10 VAC
40 mA (inductive load), 10 VAC
10 mA (resistive load), 10 VAC
40 mA (inductive load), 10 VAC
Leakage Current
3 mA (100 VAC) max.
3 mA max. at 100 VAC
6 mA max. at 200 VAC
Residual Voltage
1.2 V max.
1.2 V max.
ON Delay
1 ms max.
1 ms max.
OFF Delay
1/2 of load frequency max.
1/2 of load frequency max.
No. of Outputs
16 (8 outputs/common, 2 circuits)
16 (8 outputs/common, 2 circuits)
Internal Current
Consumption
300 mA, 5 VDC max.
300 mA, 5 VDC max.
Fuse Capacity
5 A, 250 V (two fuses)
5 A, 250 V (two fuses)
Weight
500 grams max.
500 grams max.
Circuit
Configuration
Inter-
nal
Circuit
OUT 00
OUT 07
COM
OUT 08
OUT 15
to
to
COM
Fuse/fuse blowout
detection circuit
22
0.022 F
Fuse/fuse blowout
detection circuit
22
0.022 F
OUT 06
OUT 14
The fuse is 5 A, 250 V and 6.35 mm dia. x 32 mm.
Inter-
nal
Circuit
OUT 00
OUT 07
COM
OUT 08
OUT 15
to
to
COM
Fuse/fuse blowout
detection circuit
22
0.022 F
Fuse/fuse blowout
detection circuit
22
0.022 F
OUT 06
OUT 14
The fuse is 5 A, 250 V; 6.35 mm dia. x 32 mm.
Terminal
Connections
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
2
3
4
5
COM
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
0
1
6
7
8
9
10
11
12
13
14
15
COM
~
~
19
NC
NC
132 VAC max.
132 VAC max.
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
2
3
4
5
COM
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
0
1
6
7
8
9
10
11
12
13
14
15
COM
~
~
19
NC
NC
250 VAC max.
250 VAC max.
Dimensions
A-shape
A-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com