Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 132 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 132 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 128Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 129Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 130Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 131Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 132Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 133Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 134Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 135Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 136Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 182 page
background image
Appendix B
Specifications
119
AC Input Units Continued
Item
3G2A5-IA122
C500-IA223
Input Voltage
100 to 120 VAC +10%/–15%, 50/60 Hz
200 to 240 VAC +10%/–15%, 50/60 Hz
Input Impedance
9.7 k
(50 Hz), 8 k
(60 Hz)
22 k
(50 Hz), 18 k
(60 Hz)
Input Current
10 mA typical (at 100 VAC)
10 mA typical (at 200 VAC)
ON Voltage
60 VAC min.
120 VAC min.
OFF Voltage
20 VAC max.
40 VAC max.
ON Delay
35 ms max.
35 ms max.
OFF Delay
55 ms max.
55 ms max.
No. of Inputs
32 (8 inputs/common, 4 circuits)
32 (8 inputs/common, 4 circuits)
Internal Current
Consumption
180 mA, 5 VDC max.
180 mA, 5 VDC max.
Weight
600 grams max.
600 grams max.
Circuit
Configuration
COM
COM
IN 00
to
IN 07
IN 15
IN 08
to
COM
COM
IN 00
to
IN 07
IN 15
IN 08
to
Inter-
nal
Circuit
330
0.33 F
220
330
k
330
0.33 F
220
330
k
I
II
COM
COM
IN 00
to
IN
07
IN
15
IN 08
to
COM
COM
IN 00
to
IN
07
IN
15
IN 08
to
Inter-
nal
Circuit
560
0.15 F
270
1 M
560
0.15 F
270
1 M
I
II
Terminal
Connections
~
16
17
18
12
13
14
15
~
~
~
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
COM
100 to
120 VAC
100 to
120 VAC
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
AB
I
II
100 to
120 VAC
100 to
120 VAC
~
16
17
18
12
13
14
15
~
~
~
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
COM
200 to
240 VAC
200 to
240 VAC
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
AB
I
II
200 to
240 VAC
200 to
240 VAC
Dimensions
C-shape
C-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com