Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 131 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 131 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 127Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 128Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 129Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 130Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 131Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 132Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 133Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 134Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 135Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 182 page
background image
Appendix B
Specifications
118
AC Input Units
Item
3G2A5-IA121
3G2A5-IA222
Input Voltage
100 to 120 VAC +10%/–15%, 50/60 Hz
200 to 240 VAC +10%/–15%, 50/60 Hz
Input Impedance
9.7 k
(50 Hz), 8 k
(60 Hz)
22 k
(50 Hz), 18 k
(60 Hz)
Input Current
10 mA typical (at 100 VAC)
10 mA typical (at 200 VAC)
ON Voltage
60 VAC min.
120 VAC min.
OFF Voltage
20 VAC max.
40 VAC max.
ON Delay
35 ms max.
35 ms max.
OFF Delay
55 ms max.
55 ms max.
No. of Inputs
16 (8 inputs/common, 2 circuits)
16 (8 inputs/common, 2 circuits)
Internal Current
Consumption
180 mA, 5 VDC max.
180 mA, 5 VDC max.
Weight
450 grams max.
450 grams max.
Circuit
Configuration
Inter-
nal
Circuit
COM
IN 00
to
560
IN 07
0.33 F
220
330
k
COM
IN 08
to
560
IN 15
0.33 F
220
330
k
COM
IN 00
to
680
IN 07
0.15 F
220
1 M
COM
IN 08
to
680
IN 15
0.15 F
220
1 M
Inter-
nal
Circuit
Terminal
Connections
~
~
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
100 to 120VAC
100 to 120 VAC
19
NC
~
~
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
200 to 240VAC
200 to 240 VAC
19
NC
Dimensions
A-shape
A-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com