Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 127 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 127 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 123Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 124Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 125Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 126Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 127Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 128Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 129Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 130Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 131Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 182 page
background image
Appendix B
Specifications
114
DC Input Units Continued
Item
C500-ID218CN
Input Voltage
12 to 24 VAC +10%/–15%
Input Impedance
2.2 k
Input Current
10 mA typical (at 24 VDC)
ON Voltage
10.2 VDC min.
OFF Voltage
3.0 VDC max.
ON Delay
1.5 ms max.
OFF Delay
1.5 ms max.
No. of Inputs
32 (8 inputs/common, 4 circuits)
Internal Current Consumption
200 mA, 5 VDC max.
Weight
450 grams max.
Circuit Configuration
Inter-
nal
Circuit
COM
COM
IN 00
to
IN 07
IN 15
2.2 k
2.2 k
IN 08
to
COM
COM
IN 00
to
IN 07
IN 15
IN 08
to
0.04
F
0.04
F
470
470
I
II
Terminal Connections
+
0
1
2
3
4
5
6
7
1
2
3
4
5
6
7
8
9
10
11
12
COM
NC
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
9
10
11
12
COM
A
B
+
+
+
NC
NC
NC
NC
NC
12 to
24 VDC
Dimensions
E-shape, with no 4-terminal block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com