Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 124 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 124 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 120Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 121Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 122Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 123Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 124Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 125Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 126Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 127Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 128Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 182 page
background image
Appendix B
Specifications
111
DC Input Units Continued
Item
3G2A5-ID215
3G2A5-ID218
Input Voltage
12 to 24 VDC +10%/–15%
Input Impedance
2.2 k
Input Current
10 mA typical (at 24 VDC)
ON Voltage
10.2 VDC min.
OFF Voltage
3.0 VDC max.
ON Delay
15 ms max.
1.5 ms max.
OFF Delay
15 ms max.
1.5 ms max.
No. of Inputs
32 (8 inputs/common, 4 circuits)
Internal Current Consumption
160 mA, 5 VDC max.
260 mA, 5 VDC max.
Weight
450 grams max.
Circuit Configuration
See
below.
COM
COM
IN 00
to
IN 07
IN 15
IN 08
to
COM
COM
IN 00
to
IN 07
IN 15
IN 08
to
Inter-
nal
Circuit
2.2 k
2.2 k
See
below.
I
II
ID215: 560
ID218: 750
Terminal Connections
+
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
12 to 24
VDC
+
12 to 24
VDC
+
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
12 to 24
VDC
+
12 to 24
VDC
A
B
+
+
+
+
I
II
Dimensions
B-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com