Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 125 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 125 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 121Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 122Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 123Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 124Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 125Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 126Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 127Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 128Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 129Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 182 page
background image
Appendix B
Specifications
112
DC Input Units Continued
Item
3G2A5-ID219
Input Voltage
24 VDC +10%/–15%
Input Impedance
3.3 k
Input Current
7 mA typical (at 24 VDC)
ON Voltage
16.0 VDC min.
OFF Voltage
5.0 VDC max.
ON Delay
1.5 ms max.
OFF Delay
1.5 ms max.
No. of Inputs
64 (8 inputs/common, 8 circuits) (No. of contacts that can be turned ON depends on ambient
temperature. See the characteristic data below.)
Internal Current
Consumption
340 mA, 5 VDC max.
Weight
600 grams max.
Circuit
Configuration
Internal
Circuit
COM
COM
IN 00
to
IN 07
IN 15
3.3 k
470
IN 08
to
3.3 k
470
COM
IN 00
COM
IN 08
I
II
III
IV
COM
IN 00
COM
IN 08
COM
IN 00
COM
IN 08
0
10
20
30
40
50
60
0
10
20 30 40 50 60
(Points)
(
°C)
Temperature
No. of
inputs
that
can be
turned
ON
No. of inputs that can be turned ON vs.
temperature
Up to 35
points can
be turned
ON at 55
°C.
Temperature
is 38
°C when
64 points can
be turned
ON.
Terminal
Connections
16
17
18
13
14
15
19
20
16
17
18
13
14
15
19
20
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
AB
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
COM
NC
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
COM
NC
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
A
B
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
19
20
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
19
20
COM
NC
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
COM
NC
24 VDC
24 VDC
24 VDC
24 VDC
24 VDC
24 VDC
I
II
III
IV
24 VDC
24 VDC
Dimensions
D-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com