Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 129 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 129 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 125Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 126Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 127Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 128Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 129Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 130Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 131Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 132Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 133Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 182 page
background image
Appendix B
Specifications
116
Connection Example 1 (Keyboard)
The wiring diagram and table below show how the ID212 DC Input Unit can be wired using a specially wired key-
board. For example, if A on the keyboard is pressed, the combination of inputs on DATA 0 and STB 9 turn ON bit 00
of word n. Similarly, the combination of inputs on DATA 7 and STB 7 turn ON bit 15 of word n+3. The value of word n
depends on where the Unit is mounted.
+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
24 VDC
A
B
C
D
E
DATA 0
DATA 1
DATA 2
DATA 3
DATA 4
DATA 5
DATA 6
DATA 7
COM (24 V)
STB 0
STB 1
STB 2
STB 3
STB 4
STB 5
STB 6
STB 7
COM (0 V)
24 VDC
NC
X
Y
Z
Terminal Number
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
Word n
E
D
C
B
A
Word n + 1
Word n + 2
Word n + 3
Z
Y
X
Note Because the DC Input Unit is operated on an extremely small current, make sure there is adequate distance
between the DC Input Unit wires and high-tension equipment or power lines. If this cannot be avoided, use
shielded cables when wiring the DC Input Unit. Be sure to keep the total length of the wires less than 10 m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com