Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 126 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 126 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 122Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 123Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 124Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 125Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 126Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 127Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 128Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 129Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 130Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 182 page
background image
Appendix B
Specifications
113
DC Input Units Continued
Item
C500-ID114
Input Voltage
12 VDC +10%/–15%
Input Impedance
1.5 k
Input Current
7 mA typical (at 12 VDC)
ON Voltage
8.0 VDC min.
OFF Voltage
3.0 VDC max.
ON Delay
1.5 ms max.
OFF Delay
1.5 ms max.
No. of Inputs
64 (8 inputs/common, 8 circuits) (No. of contacts that can be turned ON depends on ambient
temperature. See the characteristic data below.)
Internal Current
Consumption
340 mA, 5 VDC max.
Weight
600 grams max.
Circuit
Configuration
Internal
Circuit
COM
COM
IN 00
to
IN 07
IN 15
1.5 k
470
IN 08
to
1.5 k
470
COM
IN 00
COM
IN 08
I
II
III
IV
COM
IN 00
COM
IN 08
COM
IN 00
COM
IN 08
Terminal
Connections
16
17
18
13
14
15
19
20
16
17
18
13
14
15
19
20
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
AB
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
COM
NC
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
COM
NC
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
A
B
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
19
20
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
19
20
COM
NC
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
COM
NC
III
IV
12 VDC
I
II
12 VDC
12 VDC
12 VDC
12 VDC
12 VDC
12 VDC
12 VDC
Dimensions
D-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com