Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 151 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 151 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 147Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 148Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 149Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 150Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 151Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 152Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 153Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 154Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 155Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 182 page
background image
Appendix B
Specifications
138
DC Input/Transistor Output Unit
C500-MD211CN
Output (CNI, word n)
Input (CNII, word n+1)
Max. Switching
Capacity
12 to 24 VDC +10%/–15%, 0.3 A
(but, 2.4 A/common, 4.8 A/Unit)
Input Voltage
12 to 24 VDC +10%/–15%
Leakage Current
0.1 mA max.
Input Impedance
2.2
Residual Voltage
1.5 V max.
Input Current
10 mA typical (at 24 VDC)
Fuses
1 per circuit, 2 total
(Cannot be changed by user.)
ON Voltage
10.2 VDC min.
Power for
External Supply
80 mA, 12 to 24 VDC
10% max.
OFF Voltage
3.0 VDC max.
ON Delay
0.2 ms max.
ON Delay
1.5 ms max.
OFF Delay
0.3 ms max.
OFF Delay
1.5 ms max.
No. of Outputs
16 (8 outputs/common, 2 circuits)
No. of Inputs
16 (8 inputs/common, 2
circuits)
Internal Current
Consumption
260 mA, 5 VDC max.
Weight
520 grams max.
Circuit
Configuration
Internal
Circuit
Internal
Circuit
OUT 00
OUT 07
COM
12 to 24
VDC
(0 V)
to
OUT 00
OUT 07
COM
12 to 24
VDC
(0 V)
to
CNI
Fuse
Fuse
Inter-
nal
Circuit
COM
IN 00
to
IN 07
2.2 k
2.2 k
COM
IN 08
to
IN 15
0.047
F
0.047
F
470
470
CNII
Terminal
Connections
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
9
10
11
12
B
+
1
2
3
4
5
6
7
8
9
10
11
12
+
A
COM0 (0 v)
COM1 (0 V)
NC
NC
NC
NC
12 to
24 VDC
V 0 (12 to 24 VDC)
V 1 (12 to 24 VDC)
12 to
24 VDC
1
2
3
4
COM0
+ V0
COM1
+ V1
To common load
12 tO 48 VDC
(Terminal)
Note
Select one of the connectors A9, A10, B9,
B10, or terminal blocks 1 through 4, and
wire them as power and common lines.
CNI
+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
9
10
11
12
B
+
1
2
3
4
5
6
7
8
9
10
11
12
+
A
COM2
COM3
NC
NC
NC
NC
+
NC
NC
12 to 24
VDC
12 to 24
VDC
Note
The maximum switching capacity for sol-
derless connectors is 1 A/common.
CNII
Dimensions
E-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com