Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 153 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 153 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 149Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 150Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 151Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 152Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 153Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 154Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 155Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 156Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 157Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 182 page
background image
Appendix B
Specifications
140
Interrupt Input Unit
Item
3G2A5-ID216
Input Voltage
12 to 24 VDC +10%/–15% (nonpolar)
Input Impedance
1.5 k
Input Current
13 mA typical (at 24 VDC)
ON Voltage
10.2 VDC min.
OFF Voltage
3.0 VDC max.
ON Delay
1 ms max.
OFF Delay
1.5 ms max.
No. of Inputs
8 (independent commons)
Internal Current Consumption
5 VDC 200 mA max.
Weight
450 grams max.
Circuit Configuration
Inter-
nal
Cir-
cuit
1.8
k
1.5 kW
IN 0
IN 7
to
1.8
k
1.5 k
IN 7
IN 0
Terminal Connections
15
NC
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
19
NC
12 to 24 VDC
NC
NC
IN 0
IN 1
IN 2
IN 3
IN 4
IN 5
IN 6
IN 7
12 to 24 VDC
12 to 24 VDC
12 to 24 VDC
12 to 24 VDC
12 to 24 VDC
12 to 24 VDC
12 to 24 VDC
Dimensions
A-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com