Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 154 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 154 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 150Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 151Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 152Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 153Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 154Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 155Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 156Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 157Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 158Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 182 page
background image
Appendix B
Specifications
141
I/O Power Supply Unit
Item
CV500-IPS01
Input Voltage
100 through 120 VAC/200 through 240 VAC 50/60 Hz
Allowable Input Voltage Range
85 to 132 VAC/170 to 264 VAC
Input Current
160 VA max.
Output Capacity
2 A, 24 VDC
Dimensions
34.5 x 250 x 116 mm (WxHxD)
Weight
700 grams max.
Power Indicator
Lights when power
is supplied.
Power
Supply
System
Control
Circuit
Power
Detection
Circuit
AC Power Source
Supply a voltage of 100 to 120 VAC
or 200 to 240 VAC
24 VDC Output
Use these terminals to supply power to the
DC Input Units. These terminals can supply a
current of up to 2 A. If a current higher than 2
A is required, add a number of I/O Power
Supply Units or use a separate power supply.
Since the PC assumes a current exceeding 2
A from these terminals is a battery error, it ter-
minates the output these terminals.
Power ON Output
These terminals are internally short-circuited
while power is ON (24 VDC output). The maxi-
mum switching capacity of the terminals are as
follows: 2 A, 250 VAC (cos = 1) 0.5 A, 250
VAC (cos = 1) 2 A, 24 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com