Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 162 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 162 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 158Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 159Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 160Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 161Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 162Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 163Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 164Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 165Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 166Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 182 page
background image
Appendix B
Specifications
149
Connecting Cables
Use an I/O Cable to connect the CPU Rack to an Expansion I/O Rack or to connect an Expansion I/O Rack to
another Expansion I/O Rack. If connecting an Expansion CPU Rack to the CPU Rack, use two cables, an I/O
Cable and a CPU Bus Cable, to connect the CPU Rack to the Expansion CPU Rack.
Secure the connectors with the locks provided on the connectors to secure the connection between the cable con-
nector and the connectors. If the connectors are not properly connected, errors such as I/O Bus Errors or I/O Set-
ting Errors will occur.
Cable name
Model
Cable length (L)
Weight
Connector dimensions (W x H x D)
CPU Bus Cable (for
E
i
CPU R
k)
CV500-CN311
0.3 m
110 g
60 x 42 x 12 mm
(
Expansion CPU Rack)
CV500-CN611
0.6 m
150 g
I/O Cable (for connecting
E
i
I/O R
k i I/O
CV500-CN312
0.3 m
140 g
68 x 45 x 12 mm
(g
Expansion I/O Rack via I/O
Interface Unit)
CV500-CN612
0.6 m
180 g
Interface Unit)
CV500-CN122
1 m
240 g
CV500-CN222
2 m
380 g
CV500-CN132
10 m
1.6 kg
CV500-CN332
30 m
4.4 kg
CV500-CN532
50 m
7.2 kg
I/O Cable (for connecting
single Expansion I/O Rack via
CV500-CN413
0.4 m
100 g
49 x 42 x 12 mm
single Expansion I/O Rack via
Backplanes)
CV500-CN613
0.6 m
120 g
Note Do not put the Connecting Cables in the same duct with power lines or I/O wiring.
Cable Dimensions
The figures below show the dimensions of the cables.
W
L
H
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com