Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 164 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 164 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 160Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 161Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 162Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 163Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 164Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 165Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 166Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 167Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 168Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 182 page
background image
Glossary
152
BASIC Unit
A CPU Bus Unit used to run programs in BASIC.
baud rate
The data transmission speed between two devices in a system measured in bits
per second.
BCD
Short for binary-coded decimal.
binary
A number system where all numbers are expressed in base 2, i.e., numbers are
written using only 0’s and 1’s. Each group of four binary bits is equivalent to one
hexadecimal digit. Binary data in memory is thus often expressed in hexadeci-
mal for convenience.
binary-coded decimal
A system used to represent numbers so that every four binary bits is numerically
equivalent to one decimal digit.
bit
The smallest piece of information that can be represented on a computer. A bit
has the value of either zero or one, corresponding to the electrical signals ON
and OFF. A bit represents one binary digit. Some bits at particular addresses are
allocated to special purposes, such as holding the status of input from external
devices, while other bits are available for general use in programming.
bit address
The location in memory where a bit of data is stored. A bit address specifies the
data area and word that is being addressed as well as the number of the bit with-
in the word.
branch line
A communications line leading from a Link Adapter to any Link Unit not desig-
nated as a terminator in a Link System. See
main line.
buffer
A temporary storage space for data in a computerized device.
building-block PC
A PC that is constructed from individual components, or “building blocks.” With
building-block PCs, there is no one Unit that is independently identifiable as a
PC. The PC is rather a functional assembly of Units.
bus
A communications path used to pass data between any of the Units connected
to it.
bus link
A data link that passed data between two Units across a bus.
byte
A unit of data equivalent to 8 bits, i.e., half a word.
central processing unit
A device that is capable of storing programs and data, and executing the instruc-
tions contained in the programs. In a PC System, the central processing unit ex-
ecutes the program, processes I/O signals, communicates with external de-
vices, etc.
channel
See
word.
character code
A numeric (usually binary) code used to represent an alphanumeric character.
checksum
A sum transmitted with a data pack in communications. The checksum can be
recalculated from the received data to confirm that the data in the transmission
has not been corrupted.
CIO Area
A memory area used to control I/O and to store and manipulate data. CIO Area
addresses do not require prefixes.
communications cable
Cable used to transfer data between components of a control system and con-
forming to the RS-232C or RS-422 standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com