Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 165 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 165 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 161Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 162Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 163Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 164Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 165Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 166Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 167Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 168Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 169Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 182 page
background image
Glossary
153
constant
An input for an operand in which the actual numeric value is specified. Constants
can be input for certain operands in place of memory area addresses. Some op-
erands must be input as constants.
control bit
A bit in a memory area that is set either through the program or via a Program-
ming Device to achieve a specific purpose, e.g., a Restart Bit is turned ON and
OFF to restart a Unit.
control signal
A signal sent from the PC to effect the operation of the controlled system.
Control System
All of the hardware and software components used to control other devices. A
Control System includes the PC System, the PC programs, and all I/O devices
that are used to control or obtain feedback from the controlled system.
controlled system
The devices that are being controlled by a PC System.
Converting Link Adapter
A Link Adapter used to convert between different types of optical fiber cable, dif-
ferent types of wire cable, or between optical fiber cable and wire cable. Such
conversion is necessary to connect Units that use different forms of communica-
tion.
CPU
See
central processing unit.
CPU Backplane
A Backplane used to create a CPU Rack.
CPU Bus Unit
A special Unit used with CV-series PCs that mounts to the CPU bus. This con-
nection to the CPU bus enables special data links, data transfers, and process-
ing.
CPU Rack
The main Rack in a building-block PC, the CPU Rack contains the CPU, a Power
Supply, and other Units. The CPU Rack, along with the Expansion CPU Rack,
provides both an I/O bus and a CPU bus.
crystal optical fiber cable
See
AGF.
C-series PC
Any of the following PCs: C2000H, C1000H, C500, C200H, C40H, C28H, C20H,
C60K, C60P, C40K, C40P, C28K, C28P, C20K, C20P, C120, or C20.
CV Support Software
A programming package run on an IBM PC/AT or compatible to serve as a Pro-
gramming Device for CV-series PCs.
CV-series PC
Any of the following PCs: CV500, CV1000, CV2000, or CVM1
CVSS
See
CV Support Software.
cycle
One unit of processing performed by the CPU, including SFC/ladder program
execution, peripheral servicing, I/O refreshing, etc. The cycle is called the scan
with C-series PCs.
cycle time
The time required to complete one cycle of CPU processing.
data area
An area in the PC’s memory that is designed to hold a specific type of data.
data link
An automatic data transmission operation that allows PCs or Units within PC to
pass data back and forth via common data areas.
data register
A storage location in memory used to hold data. In CV-series PCs, data registers
are used with or without index registers to hold data used in indirect addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com