Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954201BGLF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS954201BGLF
Description  Programmable Timing Control Hub??for Mobile P4??Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS954201BGLF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS954201BGLF Datasheet HTML 4Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 5Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 6Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 7Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 8Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 9Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 10Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 11Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ICS954201
0819H—02/17/06
Electrical Characteristics - CPU 0.7V Current Mode Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2
Ω, R
P=49.9
Ω, Ι
REF
= 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Current Source Output
Impedance
Zo
VO = Vx
3000
Ω
1
Voltage High
VHigh
660
727
850
1,3
Voltage Low
VLow
-150
-2
150
1,3
Max Voltage
Vovs
752
1150
1
Min Voltage
Vuds
-300
-21
1
Crossing Voltage (abs)
Vcross
(abs)
250
348
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
39
140
mV
1
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm1,2
400MHz non-spread
2.4993
2.4999
2.5008
ns
2
400MHz spread
2.4993
2.5133
ns
2
333.33MHz non-spread
2.9991
3.0000
3.0009
ns
2
333.33MHz spread
2.9991
3.016
ns
2
266.66MHz non-spread
3.7489
3.7509
3.7511
ns
2
266.66MHz spread
3.7489
3.77
ns
2
200MHz non-spread
4.9985
4.9998
5.0015
ns
2
200MHz spread
4.9985
5.0266
ns
2
166.66MHz non-spread
5.9982
6.0000
6.0018
ns
2
166.66MHz spread
5.9982
6.0320
ns
2
133.33MHz non-spread
7.4978
7.5017
7.5023
ns
2
133.33MHz spread
7.4978
5.4000
ns
2
100.00MHz non-spread
9.9970
10.0000
10.0030
ns
2
100.00MHz spread
9.9970
10.0533
ns
2
400MHz non-spread
2.4970
2.5750
ns
1,2
400MHz spread
2.5983
ns
1,2
333.33MHz non-spread
2.9940
3.0859
ns
1,2
333.33MHz spread
3.1010
ns
1,2
266.66MHz non-spread
3.7430
3.8361
ns
1,2
266.66MHz spread
3.8550
ns
1,2
200MHz non-spread
4.9940
5.0865
ns
1,2
200MHz spread
5.1116
ns
1,2
166.66MHz non-spread
5.9950
6.0868
ns
1,2
166.66MHz spread
6.1170
ns
1,2
133.33MHz non-spread
7.4970
7.5873
ns
1,2
133.33MHz spread
7.6250
ns
1,2
100.00MHz non-spread
10.0000
10.0880
ns
1,2
100.00MHz spread
10.1383
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
230
700
ps
1
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
206
700
ps
1
Rise Time Variation
d-tr
15
125
ps
1
Fall Time Variation
d-tf
14
125
ps
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
51
55
%
1
CPU(1:0), VT = 50%
7.5
100
ps
1
CPU2_ITP, VT = 50%
145
150
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
Differential waveform
measurement, CPU(1:0)
36
85
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
Differential waveform
measurement, CPU2_ITP
96
125
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
3I
REF = VDD/(3xRR). For RR = 475
Ω (1%), I
REF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50
Ω.
2.4143
2.9141
Average period
Tperiod
Absolute min/max period
Tabs
9.9120
Statistical measurement on single
ended signal using oscilloscope
math function.
mV
Measurement on single ended
signal using absolute value.
mV
Skew
tsk3
3.6639
4.9135
5.9132
7.4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com