Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954201BGLF Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS954201BGLF
Description  Programmable Timing Control Hub??for Mobile P4??Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS954201BGLF Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS954201BGLF Datasheet HTML 8Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 9Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 10Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 11Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 12Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 13Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 14Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 15Page - Integrated Device Technology ICS954201BGLF Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
ICS954201
0819H—02/17/06
SMBus Table: SRC Stop Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SRCCLK7
RW
Free-Running
Stoppable
0
Bit 6
SRCCLK6
RW
Free-Running
Stoppable
0
Bit 5
SRCCLK5
RW
Free-Running
Stoppable
0
Bit 4
SRCCLK4
RW
Free-Running
Stoppable
0
Bit 3
SRCCLK3
RW
Free-Running
Stoppable
0
Bit 2
SRCCLK2
RW
Free-Running
Stoppable
0
Bit 1
SRCCLK1
RW
Free-Running
Stoppable
0
Bit 0
SRCCLK0
RW
Free-Running
Stoppable
0
SMBus Table: Stop and Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
X
Bit 6
DOT_96MHz
Driven in PD
RW
Driven
Hi-Z
0
Bit 5
0
Bit 4
PCI_F1
RW
Free-Running
Stoppable
0
Bit 3
PCI_F0
RW
Free-Running
Stoppable
0
Bit 2
CPUCLK2_ITP
RW
Free-Running
Stoppable
1
Bit 1
CPUCLK1
RW
Free-Running
Stoppable
1
Bit 0
CPUCLK0
RW
Free-Running
Stoppable
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SRC_STOP Drive Mode
Driven in
PCI/SRC_STOP#
RW
Driven
Hi-Z
0
Bit 6
CPUCLK2_ITP_STOP Drive Mode
RW
Driven
Hi-Z
0
Bit 5
CPUCLK1_STOP Drive Mode
RW
Driven
Hi-Z
0
Bit 4
CPUCLK0_STOP Drive Mode
RW
Driven
Hi-Z
0
Bit 3
SRC_PD Drive Mode
RW
Driven
Hi-Z
0
Bit 2
CPUCLK2_ITP_PD Drive Mode
RW
Driven
Hi-Z
0
Bit 1
CPUCLK1_PD Drive Mode
RW
Driven
Hi-Z
0
Bit 0
CPUCLK0_PDDrive Mode
RW
Driven
Hi-Z
0
Driven in CPU_STOP#
Driven in Powerdown
(PD)
Allow assertion of
PCI_STOP# or setting of
PCI_STOP control bit in
SMBus register to stop
PCICLK_F outputs
RESERVED
Allow assertion of
CPU_STOP# to stop
CPUCLK outputs
RESERVED
Allow assertion of
PCI_STOP# or setting of
PCI_STOP control bit in
SMBus register to stop
SRC clocks
41,40
44,43
44,43
SRCCLK(7:0)
36,35
44,43
9
31,30
26,27
8
36,35
41,40
24,25
22,23
19,20
Byte 4
17,18
Byte 3
36,35
33,32
Byte 5
SRCCLK(7:0)
36,35
41,40
14,15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com