Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER100A Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER100A
Description  SMPS PRIMARY I.C.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER100A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER100A Datasheet HTML 2Page - STMicroelectronics VIPER100A Datasheet HTML 3Page - STMicroelectronics VIPER100A Datasheet HTML 4Page - STMicroelectronics VIPER100A Datasheet HTML 5Page - STMicroelectronics VIPER100A Datasheet HTML 6Page - STMicroelectronics VIPER100A Datasheet HTML 7Page - STMicroelectronics VIPER100A Datasheet HTML 8Page - STMicroelectronics VIPER100A Datasheet HTML 9Page - STMicroelectronics VIPER100A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
1 Electrical Data
VIPer100A-E/ASP-E
6/31
Table 5.
Error Amplifier Section
Table 6.
PWM Comparator Section
Table 7.
Shutdown and Overtemperature Section
Symbol
Parameter
Test Conditions‘
Min
Typ
Max
Unit
VDDREG
VDD Regulation Point
ICOMP=0mA (see Figure 5)
12.6
13
13.4
V
∆VDDreg
Total Variation
Tj=0 to 100°C
2
%
GBW
Unity Gain Bandwidth
From Input =VDD to
Output = VCOMP
COMP pin is open
(see Figure 15)
150
KHz
AVOL
Open Loop Voltage Gain
COMP pin is open
(see Figure 15)
45
52
dB
Gm
DC Transconductance
VCOMP=2.5V(see Figure 5)
1.1
1.5
1.9
mA/V
VCOMPLO
Output Low Level
ICOMP=-400µA; VDD=14V
0.2
V
VCOMPHI
Output High Level
ICOMP=400µA; VDD=12V
4.5
V
ICOMPLO
Output Low Current Capability VCOMP=2.5V; VDD=14V
-600
µA
ICOMPHI
Output High Current
Capability
VCOMP=2.5V; VDD=12V
600
µA
Symbol
Parameter
Test Conditions‘
Min
Typ
Max
Unit
HID
∆VCOMP / ∆IDPEAK
VCOMP = 1 to 3 V
0.7
1
1.3
V/A
VCOMPoff VCOMP Offset
IDPEAK = 10mA
0.5
V
IDpeak
Peak Current Limitation
VDD = 12V; COMP pin open
3
4
5.3
A
td
Current Sense Delay to Turn-
Off
ID = 1A
250
ns
tb
Blanking Time
250
360
ns
ton(min)
Minimum On Time
350
1200
ns
Symbol
Parameter
Test Conditions‘
Min
Typ
Max
Unit
VCOMPth
Restart Threshold
(see Figure 8)
0.5
V
tDISsu
Disable Set Up Time
(see Figure 8)
1.7
5
µs
Ttsd
Thermal Shutdown
Temperature
(see Figure 8)
140
170
°C
Thyst
Thermal Shutdown Hysteresis (see Figure 8)
40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com