Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER100A Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER100A
Description  SMPS PRIMARY I.C.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER100A Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER100A Datasheet HTML 1Page - STMicroelectronics VIPER100A Datasheet HTML 2Page - STMicroelectronics VIPER100A Datasheet HTML 3Page - STMicroelectronics VIPER100A Datasheet HTML 4Page - STMicroelectronics VIPER100A Datasheet HTML 5Page - STMicroelectronics VIPER100A Datasheet HTML 6Page - STMicroelectronics VIPER100A Datasheet HTML 7Page - STMicroelectronics VIPER100A Datasheet HTML 8Page - STMicroelectronics VIPER100A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
1 Electrical Data
VIPer100A-E/ASP-E
4/31
1
Electrical Data
1.1
Maximum Rating
Table 1.
Absolute Maximum Rating
Symbol
Parameter
Value
Unit
VDS
Continuous Drain-Source Voltage (TJ = 25 to 125°C)
–0.3 to 700
V
ID
Maximum Current
Internally limited
A
VDD
Supply Voltage
0 to 15
V
VOSC
Voltage Range Input
0 to VDD
V
VCOMP
Voltage Range Input
0 to 5
V
ICOMP
Maximum Continuous Current
±2
mA
VESD
Electrostatic Discharge (R =1.5k
Ω; C=100pF)
4000
V
ID(AR)
Avalanche Drain-Source Current, Repetitive or Not Repetitive
(Tc=100°C; Pulse width limited by TJ max;
δ < 1%)
1.4
A
Ptot
Power Dissipation at Tc = 25ºC
82
W
Tj
Junction Operating Temperature
Internally limited
°C
Tstg
Storage Temperature
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com