Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030R8 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32F030R8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030R8 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32F030R8 Datasheet HTML 58Page - STMicroelectronics STM32F030R8 Datasheet HTML 59Page - STMicroelectronics STM32F030R8 Datasheet HTML 60Page - STMicroelectronics STM32F030R8 Datasheet HTML 61Page - STMicroelectronics STM32F030R8 Datasheet HTML 62Page - STMicroelectronics STM32F030R8 Datasheet HTML 63Page - STMicroelectronics STM32F030R8 Datasheet HTML 64Page - STMicroelectronics STM32F030R8 Datasheet HTML 65Page - STMicroelectronics STM32F030R8 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
Electrical characteristics
STM32F030x4 STM32F030x6 STM32F030x8
62/88
DocID024849 Rev 1
Figure 18. I/O AC characteristics definition
6.3.15
NRST pin characteristics
The NRST pin input driver uses the CMOS technology. It is connected to a permanent pull-
up resistor, RPU (see Table 44: I/O static characteristics).
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 18: General operating conditions.
MS32132V1
T
10%
50%
90%
10%
50%
90%
EXTERNAL
OUTPUT
ON 50 pF
Maximum frequency is achieved if (t + t (≤ 2/3)T and if the duty cycle is (45-55%)
when loaded by 50 pF
r
f
r(IO)out
t
f(IO)out
t
Table 47. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
NRST input low level voltage
–0.3
-
0.8(1)
V
VIH(NRST)
NRST input high level
voltage
2-
VDD+0.3
(1)
Vhys(NRST)
NRST Schmitt trigger
voltage hysteresis
-200
-
mV
RPU
Weak pull-up equivalent
resistor(2)
VIN VSS
30
40
50
k
VF(NRST)
NRST input filtered pulse
-
-
100(1)
ns
VNF(NRST)
NRST input not filtered pulse
300(1)
--
ns
1. Guaranteed by design, not tested in production.
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to
the series resistance must be minimum (~10% order)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com