Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030R8 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F030R8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030R8 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F030R8 Datasheet HTML 36Page - STMicroelectronics STM32F030R8 Datasheet HTML 37Page - STMicroelectronics STM32F030R8 Datasheet HTML 38Page - STMicroelectronics STM32F030R8 Datasheet HTML 39Page - STMicroelectronics STM32F030R8 Datasheet HTML 40Page - STMicroelectronics STM32F030R8 Datasheet HTML 41Page - STMicroelectronics STM32F030R8 Datasheet HTML 42Page - STMicroelectronics STM32F030R8 Datasheet HTML 43Page - STMicroelectronics STM32F030R8 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
Electrical characteristics
STM32F030x4 STM32F030x6 STM32F030x8
40/88
DocID024849 Rev 1
6.3
Operating conditions
6.3.1
General operating conditions
Table 18. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
0
48
MHz
fPCLK
Internal APB clock frequency
0
48
VDD
Standard operating voltage
2.4
3.6
V
VDDA
Analog operating voltage
Must have a potential equal to or
higher than VDD
2.4
3.6
V
VIN
(1)
Input voltage on FT and FTf pins
VSS –0.3
VDD +4.0
V
Input voltage on TTa pins
VSS –0.3
4.0
V
Input voltage on any other pin
VSS –0.3
4.0
V
P
D
Power dissipation at TA = 85 °C
for suffix 6(2)
LQFP64
-
444
mW
LQFP48
-
364
LQFP32
-
357
TSSOP20
-
182
TA
Ambient temperature for 6 suffix
version
Maximum power dissipation
–40
85
°C
Low power dissipation(3)
–40
105
TJ
Junction temperature range
6 suffix version
–40
105
°C
1. VIN maximum must always be respected. Refer to Table 16: Current characteristics for the maximum allowed
injected current values.
2. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax.
3. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com