Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030x4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F030x4
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030x4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F030x4 Datasheet HTML 7Page - STMicroelectronics STM32F030x4 Datasheet HTML 8Page - STMicroelectronics STM32F030x4 Datasheet HTML 9Page - STMicroelectronics STM32F030x4 Datasheet HTML 10Page - STMicroelectronics STM32F030x4 Datasheet HTML 11Page - STMicroelectronics STM32F030x4 Datasheet HTML 12Page - STMicroelectronics STM32F030x4 Datasheet HTML 13Page - STMicroelectronics STM32F030x4 Datasheet HTML 14Page - STMicroelectronics STM32F030x4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
DocID024849 Rev 1
11/88
STM32F030x4 STM32F030x6 STM32F030x8
Description
11
Figure 1. Block diagram
1.
TIMER6, TIMER15, SPI2, USART2 and I2C2 are available on STM32F030x8 devices only.
MSv32137V1
4 channels
3 compl. channels
BRK, ETR input as AF
4 ch., ETR as AF
1 channel as AF
2 channels
1 compl, BRK as AF
1 channel
1 compl, BRK as AF
1 channel
1 compl, BRK as AF
IR_OUT as AF
RX, TX,CTS, RTS,
CK as AF
RX, TX,CTS, RTS,
CK as AF
SCL, SDA, SMBA
(20 mA for FM+) as AF
SCL, SDA
as AF
@ VDD
@ VDDA
AHBPCLK
APBPCLK
ADCCLK
USARTCLK
HCLK
FCLK
PA[15:0]
PB[15:0]
PC[15:0]
PD2
PF[1:0]
PF[7:4]
@ VDDA
55 AF
MOSI,
MISO,
SCK,
NSS as AF
VDDA
VSSA
GP DMA
5 channels
CORTEX-M0 CPU
fHCLK = 48 MHz
Serial
Wire
Debug
NVIC
GPIO port A
GPIO port B
GPIO port C
GPIO port D
GPIO port F
EXT. IT
WKUP
SPI1
SPI2
SYSCFG IF
TIMER 6
DBGMCU
WWDG
APB
AHB
CRC
RESET &
CLOCK
CONTROL
TIMER 1
TIMER 3
TIMER 14
TIMER 15
TIMER 16
TIMER 17
USART1
USART2
I2C 1
I2C2
Power
Controller
XTAL OSC
4-32 MHz
IWDG
SUPPLY
SUPERVISION
POR/PDR
POWER
VOLT.REG
3.3 V TO 1.8 V
RC HS 14 MHz
RC HS 8 MHz
RC LS
PLL
Flash
up to
64 KB,
32 bits
SRAM
4 / 8 KB
Temp.
sensor
IF
12-bit
ADC1
SWCLK
SWDIO
as AF
MOSI/MISO,
SCK/NSS,
as AF
16
AD inputs
@ VDDA
@ VDD
VDD18
POR
Reset
Int
VDD = 2.4 to 3.6 V
VSS
NRST
VDDA
VDD
OSC_IN (PF0)
OSC_OUT (PF1)
OSC32_IN (PC14)
OSC32_OUT (PC15)
TAMPER-RTC
(ALARM OUT)
RTC
RTC interface
XTAL32 kHz
@ VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com