Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030x4 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32F030x4
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030x4 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32F030x4 Datasheet HTML 40Page - STMicroelectronics STM32F030x4 Datasheet HTML 41Page - STMicroelectronics STM32F030x4 Datasheet HTML 42Page - STMicroelectronics STM32F030x4 Datasheet HTML 43Page - STMicroelectronics STM32F030x4 Datasheet HTML 44Page - STMicroelectronics STM32F030x4 Datasheet HTML 45Page - STMicroelectronics STM32F030x4 Datasheet HTML 46Page - STMicroelectronics STM32F030x4 Datasheet HTML 47Page - STMicroelectronics STM32F030x4 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
Electrical characteristics
STM32F030x4 STM32F030x6 STM32F030x8
44/88
DocID024849 Rev 1
Table 24. Typical and maximum VDD consumption in Stop and Standby modes
Symbol
Parameter
Conditions
Typ @VDD
(VDD = VDDA)
Max(1)
1. Data based on characterization results, not tested in production unless otherwise specified.
Unit
3.6 V
TA = 85 °C
IDD
Supply current in
Stop mode
Regulator in run mode, all
oscillators OFF
19
48
µA
Regulator in low-power mode, all
oscillators OFF
532
Supply current in
Standby mode
LSI ON and IWDG ON
2
-
Table 25. Typical and maximum VDDA consumption in Stop and Standby modes
Symbol
Parameter
Conditions
Typ @VDD
(VDD =
VDDA)
Max(1)
1. Data based on characterization results, not tested in production.
Unit
3.6 V
TA = 85 °C
IDDA
Supply current in
Stop mode
Regulator in run or low
power mode,
all oscillators OFF
2.9
3.5
µA
Supply current in
Standby mode
LSI ON and IWDG ON
3.3
-
LSI OFF and IWDG OFF
2.8
3.5
Supply current in
Stop mode
Regulator in run mode or
low power,
all oscillators OFF
1.7
-
Supply current in
Standby mode
LSI ON and IWDG ON
2.3
-
LSI OFF and IWDG OFF
1.4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com