Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P237A Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT6P237A
Description  Learning RF Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P237A Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT6P237A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 9Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rev. 1.00
9
April 12, 2013
HT6P237A/HT6P247A
16-pin NSOP (150mil) Outline Dimensions
$

'
&
=
)
*
+
,
-
.
/
0
+
MS-012
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.228
―
0.244
B
0.150
―
0.157
C
0.012
―
0.020
C
׳
0.386
―
0.402
D
―
―
0.069
E
―
0.050
―
F
0.004
―
0.010
G
0.016
―
0.050
H
0.007
―
0.010
α
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
―
6.20
B
3.81
―
3.99
C
0.30
―
0.51
C
׳
9.80
―
10.21
D
―
―
1.75
E
―
1.27
―
F
0.10
―
0.25
G
0.41
―
1.27
H
0.18
―
0.25
α
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com