Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P237A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6P237A
Description  Learning RF Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P237A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6P237A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. 1.00
2
April 12, 2013
HT6P237A/HT6P247A
Block Diagram
Di vi der
S yst em T im in g
Da ta
Lat ch
C ont ro l
Un it
C ode
G ene ra ti on
E nabl e
C ont ro l
Mi x
A ddr e ss/ Da ta
32 *P LL
Xt al
O sci ll at or
PA
VD D
OP S
XI N
PA OU T
PVSS
DO UT
VS S
B1
B0
D0
D1
D2
D3
BT S0
BT S1
XO UT
Pin Assignment
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC
B0
BT S1
BT S0
OP S
VD D
VSS
PA OU T
PVS S
XI N
XO UT
DO UT
D0
D1
VSS
BT SG S
22A ddr es s + 2D at a
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
B1
B0
BT S1
BT S0
OP S
VD D
VS S
PA OU T
PVS S
XI N
XO UT
DO UT
D0
D1
D2
D3
24A ddr es s + 4D at a
HT 6P 237A
16 NS OP -A
HT 6P 247A
16 NS OP -A
Selection Table
Part No.
VDD
Addr. No. Data No. Compound
Data No.
Trig.
Frequency Band
RF Type Package
HT6P237A 2.0V~3.6V
22
2
2
Data Low 300MHz~450MHz
ASK TX
16NSOP
HT6P247A 2.0V~3.6V
24
4
2
Data Low 300MHz~450MHz
ASK TX
16NSOP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com