Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F017L Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F017L
Description  0.9V Battery Flash A/D Type 8-Bit MCU
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F017L Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F017L Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
Rev. 1.00
1�
���� 0�� �01�
Rev. 1.00
1�
���� 0�� �01�
HT66F016L/HT66F017L
0.9V Battery Flash A/D Type 8-Bit MCU
ADC Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
AVDD
A/D Converter Operating Vo�tage
—
—
�.�
—
�.�
V
VADI
A/D Converter Inp�t Vo�tage
—
—
0
—
VREF
V
VREF
A/D Converter Reference Vo�tage
—
—
�
—
AVDD
V
VBG
Reference with B�ffer Vo�tage
—
—
-�%
1.09
+�%
V
DNL1
Differentia� Non-�inearit�
�.�V~
�.0V
VREF= AVDD= VDD
tADCK= 0.5μs, Ta= 25˚C
-�
—
+�
LSB
DNL�
Differentia� Non-�inearit�
�.�V~
�.0V
VREF= AVDD= VDD�
tADCK= 0.5μs, Ta= -40˚C~85˚C
-�
—
+�
LSB
INL1
Integra� Non-�inearit�
�.�V~
�.0V
VREF= AVDD= VDD
tADC= 0.5μs, Ta= 25˚C
-�
—
+�
LSB
INL�
Integra� Non-�inearit�
�.�V~
�.0V
VREF= AVDD= VDD
tADCK= 0.5μs, Ta= -40˚C~85˚C
-8
—
+8
LSB
IADC
Additiona� Power Cons�mption if
A/D Converter is Used
�.�V No �oad (tADCK= 0.5μs )
—
0.5
1.0
mA
�V
No �oad (tADCK= 0.5μs )
—
0.9
1.�5
mA
I109
Additiona� Power Cons�mption if
1.09V Reference with B�ffer is �sed
—
—
—
�00
�00
μA
tADCK
A/D Converter C�ock Period
—
—
0.5
—
10
μs
tADC
A/D Conversion Time
(Inc��de Samp�e and Ho�d Time)
—
1�-bit ADC
—
16
—
tADCK
tADS
A/D Converter Samp�ing Time
—
—
—
�
—
tADCK
tON�ST
A/D Converter On-to-Start Time
—
—
�
—
—
μs
tBGS
VBG T�rn on Stab�e Time
—
—
10
—
—
ms
Comparator Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VCMP
Comparator Operating Vo�tage
—
—
�.�
—
�.�
V
ICMP
Comparator Operating C�rrent
�V
—
—
�7
56
µA
VCMPOS
Comparator Inp�t Offset Vo�tage
—
—
−10
—
+10
mV
VHYS
H�steresis Width
—
—
�0
�0
60
mV
VCM
Comparator Common Mode
Vo�tage Range
—
—
VSS
—
VDD −
1.�V
V
AOL
Comparator Open Loop Gain
—
—
60
80
—
dB
tPD
Comparator Response Time
—
With 100mV overdrive
(Note)
—
�70
560
ns
Note:MeasuredwithcomparatoroneinputpinatVCM=(VDD−1.4)/2whiletheotherpininputtransitionfromVSS
to(VCM+100mV)orfromVDDto(VCM-100mV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com