Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400CS Datasheet(PDF) 2 Page - Rohm

Part # 1SS400CS
Description  Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS400CS Datasheet(HTML) 2 Page - Rohm

  1SS400CS Datasheet HTML 1Page - Rohm 1SS400CS Datasheet HTML 2Page - Rohm 1SS400CS Datasheet HTML 3Page - Rohm 1SS400CS Datasheet HTML 4Page - Rohm 1SS400CS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
1SS400CS
 
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
20
40
60
80
100
120
140
160
180
200
870
880
890
900
910
920
0.1
1
10
0
5
10
15
20
0.1
1
10
100
1000
10000
100000
0
20
40
60
80
100
120
Ta=150°C
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000 1200 1400
Ta=150°C
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
Ta=-25°C
Ta=125°C
Ta=75°C
Ta=25°C
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
Ta=-25°C
Ta=125°C
Ta=25°C
Ta=75°C
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
f=1MHz
VF DISPERSION MAP
AVE:888.3mV
Ta=25°C
VF=100mA
n=30pcs
IR DISPERSION MAP
Ta=25°C
VR=80V
n=30pcs
AVE:20.90nA
Ct DISPERSION MAP
AVE:0.595pF
Ta=25°C
f=1MHz
VR=0.5V
n=10pcs
2/4
2011.12 - Rev.A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com