Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400CS Datasheet(PDF) 1 Page - Rohm

Part # 1SS400CS
Description  Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS400CS Datasheet(HTML) 1 Page - Rohm

  1SS400CS Datasheet HTML 1Page - Rohm 1SS400CS Datasheet HTML 2Page - Rohm 1SS400CS Datasheet HTML 3Page - Rohm 1SS400CS Datasheet HTML 4Page - Rohm 1SS400CS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Switching Diode
1SS400CS
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
High speed switching
Features
1)Ultra small mold type.(VMN2)
2)High reliability.
Construction
Silicon epitaxial planer
Structure
Absolute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
IFM
mA
Io
mA
Isurge
mA
Tj
C
Tstg
C
Electrical characteristics (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
-
-
1.2
V
IF=100mA
IR
-
-
100
nA
VR=80V
Ct
-
-
3.0
pF
VR=0.5V f=1.0MHz
trr
-
-
4.0
ns
VR=6V IF=10mA RL=100Ω
Reverse voltage (DC)
Forward current (repetitive peak)
Average rectified forward current
Surge current (1S)
Taping dimensions (Unit : mm)
Parameter
Reverse voltage (repetitive peak)
Junction temperature
Storage temperature
Limits
90
80
225
100
500
150
55 to 150
Parameter
Reverse current
Capacitance between terminal
Reverse recovery time
VMN2
0.55
ROHM : VMN2
dot (year week factory)
0.16±0.05
0.37±0.03
0.6±0.05
0.35±0.1
0.156
0.7±0.05
4.0±0.1
2±0.05
φ0.5
4±0.1
2±0.05
φ1.55
0.2±0.05
0.52
1/4
2011.12 - Rev.A


Similar Part No. - 1SS400CS

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CS ROHM-1SS400CS Datasheet
152Kb / 3P
Switching diode
logo
Taiwan Semiconductor Co...
1SS400CS TSC-1SS400CS Datasheet
115Kb / 3P
High Speed SMD Switching Diode
logo
Jiangsu Changjiang Elec...
1SS400CS JIANGSU-1SS400CS Datasheet
686Kb / 4P
High Speed Switching Diode
logo
AiT Semiconductor Inc.
1SS400CS AITSEMI-1SS400CS Datasheet
472Kb / 5P
SWITCHING DIODE FORWARD VOLTAGE 1.2V CURRENT 100mA, RECOVERY 4ns
REV1.0
logo
Taiwan Semiconductor Co...
1SS400CS-M0RTG TSC-1SS400CS-M0RTG Datasheet
115Kb / 3P
High Speed SMD Switching Diode
More results

Similar Description - 1SS400CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com