Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS352AR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS352AR
Description  MEMS motion sensor: 3-axis 2 g analog-output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352AR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS352AR Datasheet HTML 7Page - STMicroelectronics LIS352AR Datasheet HTML 8Page - STMicroelectronics LIS352AR Datasheet HTML 9Page - STMicroelectronics LIS352AR Datasheet HTML 10Page - STMicroelectronics LIS352AR Datasheet HTML 11Page - STMicroelectronics LIS352AR Datasheet HTML 12Page - STMicroelectronics LIS352AR Datasheet HTML 13Page - STMicroelectronics LIS352AR Datasheet HTML 14Page - STMicroelectronics LIS352AR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LIS352AR
Application hints
Doc ID 16933 Rev 1
11/15
The tolerance of the internal resistor can vary ±15% (typ) from its nominal value of 32 k
Ω;
thus the cut-off frequency will vary accordingly. A minimum capacitance of 2.5 nF for CLOAD
(x, y, z) is required.
An external capacitor can be added to the Vout pin. Values below 10 pF are recommended.
6.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHs and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020C.
Leave “pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com.
Table 6.
Filter capacitor selection, CLOAD (x,y,z)
Cut-off frequency
Capacitor value
1 Hz
5
µF
10 Hz
0.5
µF
20 Hz
250 nF
50 Hz
100 nF
100 Hz
50 nF
200 Hz
25 nF
500 Hz
10 nF
Table 7.
MUX I/O table
S1 pin
S0 pin
MUX status
0
0
Vout = Voutx
0
1
Vout = Vouty
1
0
Vout = Voutz
11
Vout = Aux_in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com