Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS352AR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS352AR
Description  MEMS motion sensor: 3-axis 2 g analog-output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352AR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS352AR Datasheet HTML 7Page - STMicroelectronics LIS352AR Datasheet HTML 8Page - STMicroelectronics LIS352AR Datasheet HTML 9Page - STMicroelectronics LIS352AR Datasheet HTML 10Page - STMicroelectronics LIS352AR Datasheet HTML 11Page - STMicroelectronics LIS352AR Datasheet HTML 12Page - STMicroelectronics LIS352AR Datasheet HTML 13Page - STMicroelectronics LIS352AR Datasheet HTML 14Page - STMicroelectronics LIS352AR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application hints
LIS352AR
12/15
Doc ID 16933 Rev 1
6.2
Output response vs. orientation
Figure 4.
Output response vs. orientation
Figure 4 refers to the LIS352AR powered at 3.3 V.
Earth’ surface
X=1.17V (-1g)
Y=1.65V (0g)
X=2.13V (+1g)
Y=1.65V (0g)
X=1.65V (0g)
Y=1.17V (-1g)
X=1.65V (0g)
Y=2.13V (+1g)
Z=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
X=1.65V (0g)
Y=1.65V (0g)
Bottom
Top
X=1.65V (0g)
Y=1.65V (0g)
Z=2.13V (+1g)
Top
Bottom
Z=1.17V(-1g)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com