Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1001D40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPV1001D40
Description  Cool bypass switch for photovoltaic applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1001D40 Datasheet(HTML) 1 Page - STMicroelectronics

  SPV1001D40 Datasheet HTML 1Page - STMicroelectronics SPV1001D40 Datasheet HTML 2Page - STMicroelectronics SPV1001D40 Datasheet HTML 3Page - STMicroelectronics SPV1001D40 Datasheet HTML 4Page - STMicroelectronics SPV1001D40 Datasheet HTML 5Page - STMicroelectronics SPV1001D40 Datasheet HTML 6Page - STMicroelectronics SPV1001D40 Datasheet HTML 7Page - STMicroelectronics SPV1001D40 Datasheet HTML 8Page - STMicroelectronics SPV1001D40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2011
Doc ID 18076 Rev 3
1/12
12
SPV1001
Cool bypass switch for photovoltaic applications
Features
IF = 16 A, VR = 40 V
Very low forward voltage drop
Very low reverse leakage current
175 °C operating junction temperature
Applications
Photovoltaic panels
Description
The SPV1001 is a system-in-package solution for
photovoltaic applications to perform cool bypass
rectification similar to that of a conventional
Schottky diode but with much lower forward
voltage drop and reverse leakage current.
The device consists of a power MOSFET
transistor which charges a capacitor during the
OFF time, and drives its gate during the ON time
using the charge previously stored in the
capacitor.
The ON and OFF times are set to reduce the
average voltage drop across the drain and source
terminals, resulting in reduced power dissipation.
A
K
A
A
K
K
A
TO220
D2PAK
Table 1.
Device summary
Order codes
Package
Packaging
SPV1001D40
D2PACK
Tube
SPV1001D40TR
Tape and reel
SPV1001T40
TO220
Tube
www.st.com


Similar Part No. - SPV1001D40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
More results

Similar Description - SPV1001D40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1001N40 STMICROELECTRONICS-SPV1001N40 Datasheet
211Kb / 9P
Cool bypass switch for photovoltaic applications
16-Nov-2011
SPV1002D40 STMICROELECTRONICS-SPV1002D40 Datasheet
302Kb / 12P
Cool bypass switch for photovoltaic applications
17-Nov-2011
logo
Bourns Electronic Solut...
1420 BOURNS-1420 Datasheet
297Kb / 2P
DC Power SPD for Photovoltaic Applications
logo
STMicroelectronics
SPV1001 STMICROELECTRONICS-SPV1001 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1002 STMICROELECTRONICS-SPV1002 Datasheet
302Kb / 12P
Cool bypass switch for photovoltaic applications
17-Nov-2011
logo
Thinki Semiconductor Co...
GF2045MC THINKISEMI-GF2045MC Datasheet
402Kb / 2P
20.0 Ampere Surface Mount PhotoVoltaic Bypass Schottky Barrier Rectifier
logo
STMicroelectronics
SPV1001N30 STMICROELECTRONICS-SPV1001N30 Datasheet
211Kb / 9P
Cool bypass switch for photovoltaic applications
16-Nov-2011
logo
Thinki Semiconductor Co...
10SQ050 THINKISEMI-10SQ050 Datasheet
483Kb / 2P
10A,50V PhotoVoltaic Bypass Schottky Barrier Rectifier Diode
15SQ045 THINKISEMI-15SQ045 Datasheet
1Mb / 2P
15A,45V PhotoVoltaic Bypass Schottky Barrier Rectifier Diode
logo
STMicroelectronics
SPV1520 STMICROELECTRONICS-SPV1520 Datasheet
549Kb / 12P
20 V reverse voltage cool bypass switch
October 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com