Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1520 Datasheet (PDF) - STMicroelectronics

SPV1520 Datasheet PDF - STMicroelectronics
Part # SPV1520
Download  SPV1520 Download
File Size   549.77 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 V reverse voltage cool bypass switch

SPV1520 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPV1520 Datasheet PDF - STMicroelectronics

Part # SPV1520
Download  SPV1520 Click to download

File Size   549.77 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 V reverse voltage cool bypass switch

SPV1520 Datasheet (HTML) - STMicroelectronics


SPV1520 Product details

Description
The SPV1520 is a cool bypass switch with a very low forward voltage drop and ultra low reverse leakage current. The former drastically reduces the power dissipation in bypass mode and prolongs the lifetime of the device, by reducing maintenance costs and shutdown due to a device failure. The latter allows the device to work at very high temperature avoiding thermal runaway phenomenon. These are clearly key benefits for all those applications requiring low power consumption to increase the system lifetime and maximize the power transfer from harvesting source to the load. For all these reasons and the strong ESD robustness, the cool bypass switch is the significant evolution with respect to the traditional standard Schottky diode.




Similar Part No. - SPV1520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1001 STMICROELECTRONICS-SPV1001 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
More results


Similar Description - SPV1520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV.0
logo
STMicroelectronics
SPV1001N40 STMICROELECTRONICS-SPV1001N40 Datasheet
211Kb / 9P
Cool bypass switch for photovoltaic applications
16-Nov-2011
SPV1002D40 STMICROELECTRONICS-SPV1002D40 Datasheet
302Kb / 12P
Cool bypass switch for photovoltaic applications
17-Nov-2011
SPV1001T40 STMICROELECTRONICS-SPV1001T40 Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
logo
Analog Devices
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
logo
STMicroelectronics
SPV1001 STMICROELECTRONICS-SPV1001 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1002 STMICROELECTRONICS-SPV1002 Datasheet
302Kb / 12P
Cool bypass switch for photovoltaic applications
17-Nov-2011
SPV1001N30 STMICROELECTRONICS-SPV1001N30 Datasheet
211Kb / 9P
Cool bypass switch for photovoltaic applications
16-Nov-2011
logo
Analog Devices
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com