Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1520 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPV1520
Description  20 V reverse voltage cool bypass switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1520 Datasheet(HTML) 3 Page - STMicroelectronics

  SPV1520 Datasheet HTML 1Page - STMicroelectronics SPV1520 Datasheet HTML 2Page - STMicroelectronics SPV1520 Datasheet HTML 3Page - STMicroelectronics SPV1520 Datasheet HTML 4Page - STMicroelectronics SPV1520 Datasheet HTML 5Page - STMicroelectronics SPV1520 Datasheet HTML 6Page - STMicroelectronics SPV1520 Datasheet HTML 7Page - STMicroelectronics SPV1520 Datasheet HTML 8Page - STMicroelectronics SPV1520 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPV1520
Electrical ratings
DocID023610 Rev 2
3/12
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VR
Max. DC reverse voltage
20
V
IF
Max. forward current
16
A
TJ
Junction temperature range
-40 to 150
°C
TSTG
Storage temperature range
-40 to 175
°C
RTH(j-c)
Thermal resistance, junction-to-case
4
°C/W
ESD
Human body model
8
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com