Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1520 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPV1520
Description  20 V reverse voltage cool bypass switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1520 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPV1520 Datasheet HTML 4Page - STMicroelectronics SPV1520 Datasheet HTML 5Page - STMicroelectronics SPV1520 Datasheet HTML 6Page - STMicroelectronics SPV1520 Datasheet HTML 7Page - STMicroelectronics SPV1520 Datasheet HTML 8Page - STMicroelectronics SPV1520 Datasheet HTML 9Page - STMicroelectronics SPV1520 Datasheet HTML 10Page - STMicroelectronics SPV1520 Datasheet HTML 11Page - STMicroelectronics SPV1520 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SPV1520
Package information
DocID023610 Rev 2
9/12
Table 4: VFQFPN (6x5x0.75) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.70
0.75
0.85
A1
0
0.02
0.05
D
5.00
D2
4.11
4.26
4.36
E
6.00
E2
2.35
2.50
2.60
e
1.27
L
1.10
1.20
1.30
L1
0.30
b
0.40
0.45
0.50
aaa
0.05
bbb
0.10
ccc
0.10
N
8
4.2
VFQFPN (6x5x0.75) packing information
Figure 6: VFQFPN (6x5x0.75) tape outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com