Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE25F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7LITE25F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE25F2 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7LITE25F2 Datasheet HTML 1Page - STMicroelectronics ST7LITE25F2 Datasheet HTML 2Page - STMicroelectronics ST7LITE25F2 Datasheet HTML 3Page - STMicroelectronics ST7LITE25F2 Datasheet HTML 4Page - STMicroelectronics ST7LITE25F2 Datasheet HTML 5Page - STMicroelectronics ST7LITE25F2 Datasheet HTML 6Page - STMicroelectronics ST7LITE25F2 Datasheet HTML 7Page - STMicroelectronics ST7LITE25F2 Datasheet HTML 8Page - STMicroelectronics ST7LITE25F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 166 page
background image
This is information on a product in full production.
June 2013
Doc ID 8349 Rev 5
1/166
1
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
8-bit microcontroller with single voltage Flash memory,
data EEPROM, ADC, Timers, SPI
Datasheet
− production data
Features
■ Memories
– 8 Kbytes single voltage Flash Program
memory with Read-out protection
– In-circuit programming and in-application
programming (ICP and IAP)
– 10K write/erase cycles guaranteed
– Data retention: 20 years at 55 °C
– Temperature range: -40°C to 105°C
– 384 bytes RAM.
■ Clock, reset and supply management
– Enhanced reset system
– Enhanced low voltage supervisor (LVD) for
main supply and an auxiliary voltage
detector (AVD) with interrupt capability for
implementing safe power-down procedures
– Clock sources: internal 1% RC oscillator,
crystal/ceramic resonator or external clock
– Internal 32-MHz input clock for auto-reload
timer
– Optional x4 or x8 PLL for 4 or 8 MHz
internal clock
– Five power saving modes: Halt, Active-halt,
Wait and Slow, Auto-wakeup from Halt.
■ I/O ports
– Up to 15 multifunctional bidirectional I/O
lines
– 7 high sink outputs.
■ 4 timers
– Configurable watchdog timer
– Two 8-bit Lite timers with prescaler
– 1 real-time base and 1 input capture
– One 12-bit auto-reload timer with 4 PWM
outputs, input capture and output compare
functions.
■ 1 communication interface
– SPI synchronous serial interface.
■ Interrupt management
– 10 interrupt vectors plus TRAP and RESET
– 15 external interrupt lines (on 4 vectors).
■ A/D converter
– 7 input channels
– Fixed gain op-amp
– 13-bit resolution for 0 to 430 mV (@ 5 V
VDD)
– 10-bit resolution for 430 mV to 5 V (@ 5 V
VDD).
■ Instruction set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode
detection
– 17 main addressing modes
– 8 x 8 unsigned multiply instructions.
■ Development tools
– Full hardware/software development
package
– DM (debug module)
DIP20
SO20 300”
www.st.com


Similar Part No. - ST7LITE25F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE25 STMICROELECTRONICS-ST7LITE25 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.0
More results

Similar Description - ST7LITE25F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.0
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
19-Nov-2004
ST7LITE0X STMICROELECTRONICS-ST7LITE0X Datasheet
1Mb / 125P
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Oct-2006
ST7LITE2 STMICROELECTRONICS-ST7LITE2_06 Datasheet
2Mb / 133P
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
30-Aug-2004
ST7LITE0XY0 STMICROELECTRONICS-ST7LITE0XY0 Datasheet
2Mb / 124P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Nov-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
May-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com