Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE2 Datasheet (PDF) - STMicroelectronics

ST7LITE2 Datasheet PDF - STMicroelectronics
Part # ST7LITE2
Download  ST7LITE2 Download
File Size   1732.69 Kbytes
Page   131 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI

ST7LITE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7LITE2 Datasheet PDF - STMicroelectronics

Part # ST7LITE2
Download  ST7LITE2 Click to download

File Size   1732.69 Kbytes
Page   131 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI

ST7LITE2 Datasheet (HTML) - STMicroelectronics


ST7LITE2 Product details

INTRODUCTION
The ST7LITE2 is a member of the ST7 microcontroller family. All ST7 devices are based on a common industry-standard 8-bit core, featuring an enhanced instruction set.
The ST7LITE2 features FLASH memory with byte-by-byte In-Circuit Programming (ICP) and InApplication Programming (IAP) capability.

■ Memories
   – 8 Kbytes single voltage Flash Program memory with read-out protection, In-Circuit Programming and In-Application programming (ICP and IAP). 10K write/erase cycles guaranteed, data retention: 20 years at 55°C.
   – 384 bytes RAM
■ Clock, Reset and Supply Management
   – Enhanced reset system
   – Enhanced low voltage supervisor (LVD) for main supply and an auxiliary voltage detector (AVD) with interrupt capability for implementing safe power-down procedures
   – Clock sources: Internal 1% RC oscillator, crystal/ceramic resonator or external clock
   – Internal 32-MHz input clock for Auto-reload timer
   – Optional x4 or x8 PLL for 4 or 8 MHz internal clock
   – Five Power Saving Modes: Halt, Active-Halt, Wait and Slow, Auto Wake Up From Halt
■ I/O Ports
   – Up to 15 multifunctional bidirectional I/O lines
   – 7 high sink outputs
■ 4 Timers
   – Configurable Watchdog Timer
   – Two 8-bit Lite Timers with prescaler, 1 realtime base and 1 input capture
   – One 12-bit Auto-reload Timer with 4 PWM outputs, input capture and output compare functions
■ 1 Communication Interface
   – SPI synchronous serial interface
■ Interrupt Management
   – 10 interrupt vectors plus TRAP and RESET
   – 15 external interrupt lines (on 4 vectors)
■ A/D Converter
   – 7 input channels
   – Fixed gain Op-amp
   – 13-bit resolution for 0 to 430 mV (@ 5V VDD)
   – 10-bit resolution for 430 mV to 5V (@ 5V VDD)
■ Instruction Set
   – 8-bit data manipulation
   – 63 basic instructions with illegal opcode detection
   – 17 main addressing modes
   – 8 x 8 unsigned multiply instructions
■ Development Tools
   – Full hardware/software development package
   – DM (Debug Module)




Similar Part No. - ST7LITE2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
2Mb / 133P
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
30-Aug-2004
ST7LITE20F2 STMICROELECTRONICS-ST7LITE20F2 Datasheet
1Mb / 166P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
25-Jun-2013
ST7LITE25F2 STMICROELECTRONICS-ST7LITE25F2 Datasheet
1Mb / 166P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
25-Jun-2013
ST7LITE29F2 STMICROELECTRONICS-ST7LITE29F2 Datasheet
1Mb / 166P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
25-Jun-2013
ST7LITE2 STMICROELECTRONICS-ST7LITE2_06 Datasheet
2Mb / 133P
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
30-Aug-2004
More results


Similar Description - ST7LITE2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
19-Nov-2004
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
Jul-2005
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
May-2007
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
16-Nov-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com