Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7LITE2
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7LITE2 Datasheet HTML 3Page - STMicroelectronics ST7LITE2 Datasheet HTML 4Page - STMicroelectronics ST7LITE2 Datasheet HTML 5Page - STMicroelectronics ST7LITE2 Datasheet HTML 6Page - STMicroelectronics ST7LITE2 Datasheet HTML 7Page - STMicroelectronics ST7LITE2 Datasheet HTML 8Page - STMicroelectronics ST7LITE2 Datasheet HTML 9Page - STMicroelectronics ST7LITE2 Datasheet HTML 10Page - STMicroelectronics ST7LITE2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 131 page
background image
ST7LITE2
7/131
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt, ana = analog
– Output:
OD = open drain, PP = push-pull
The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state.
Table 1. Device Pin Description
Pin No.
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
116
VSS
S
Ground
217
VDD
S
Main power supply
3
18
RESET
I/O CT
XX
Top priority non maskable interrupt (active
low)
4
19
PB0/AIN0/SS
I/O
CT
X
ei3
XX
X
Port B0
ADC Analog Input 0 or SPI
Slave Select (active low)
5
20
PB1/AIN1/SCK
I/O
CT
X
XX
X
Port B1
ADC Analog Input 1 or SPI Se-
rial Clock
6
1
PB2/AIN2/MISO
I/O
CT
X
XX
X
Port B2
ADC Analog Input 2 or SPI
Master In/ Slave Out Data
7
2
PB3/AIN3/MOSI
I/O
CT
X
ei2
XX
X
Port B3
ADC Analog Input 3 or SPI
Master Out / Slave In Data
8
3
PB4/AIN4/CLKIN
I/O
CT
X
XX
X
Port B4
ADC Analog Input 4 or Exter-
nal clock input
9
4
PB5/AIN5
I/O
CT
X
XX
X
Port B5
ADC Analog Input 5
10
5
PB6/AIN6
I/O
CT
X
XX
X
Port B6
ADC Analog Input 6
11
6
PA7
I/O CT HS
X
ei1
X
X
Port A7
12
7
PA6 /MCO/
ICCCLK/BREAK
I/O
CT
X
ei1
XX
Port A6
Main Clock Output or In Circuit
Communication Clock or Ex-
ternal BREAK
Caution: During reset, this pin
must be held at high level to
avoid entering ICC mode un-
expectedly (this is guaranteed
by the internal pull-up if the ap-
plication leaves the pin float-
ing).
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com