Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE2 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST7LITE2
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE2 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST7LITE2 Datasheet HTML 90Page - STMicroelectronics ST7LITE2 Datasheet HTML 91Page - STMicroelectronics ST7LITE2 Datasheet HTML 92Page - STMicroelectronics ST7LITE2 Datasheet HTML 93Page - STMicroelectronics ST7LITE2 Datasheet HTML 94Page - STMicroelectronics ST7LITE2 Datasheet HTML 95Page - STMicroelectronics ST7LITE2 Datasheet HTML 96Page - STMicroelectronics ST7LITE2 Datasheet HTML 97Page - STMicroelectronics ST7LITE2 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 131 page
background image
ST7LITE2
94/131
13.3.2 Operating Conditions with Low Voltage Detector (LVD)
TA = -40 to 125°C, unless otherwise specified
Note:
1. Not tested in production.
2. Not tested in production. The VDD rise time rate condition is needed to insure a correct device power-on and LVD reset.
When the VDD slope is outside these values, the LVD may not ensure a proper reset of the MCU.
13.3.3 Auxiliary Voltage Detector (AVD) Thresholds
TA = -40 to 125°C, unless otherwise specified
Note:
1. Not tested in production.
13.3.4 Internal RC Oscillator and PLL
The ST7 internal clock can be supplied by an internal RC oscillator and PLL (selectable by option byte).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.001)
3.40 1)
2.65 1)
4.25
3.60
2.90
4.50
3.80
3.15
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.80
3.20
2.40
4.05
3.40
2.70
4.30 1)
3.65 1)
2.901)
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
2)
20
20000
µs/V
tg(VDD)
Filtered glitch delay on VDD
Not detected by the LVD
150
ns
IDD(LVD)
LVD/AVD current consumption
245
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1=>0 AVDF flag toggle threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.401)
3.901)
3.201)
4.70
4.10
3.40
5.00
4.30
3.60
V
VIT-(AVD)
0=>1 AVDF flag toggle threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
4.30
3.70
2.90
4.60
3.90
3.20
4.901)
4.101)
3.401)
Vhys
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
150
mV
∆V
IT-
Voltage drop between AVD flag set
and LVD reset activation
VDD fall
0.45
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(RC)
Internal RC Oscillator operating voltage
2.4
5.5
V
VDD(x4PLL) x4 PLL operating voltage
2.4
3.3
VDD(x8PLL) x8 PLL operating voltage
3.3
5.5
tSTARTUP
PLL Startup time
60
PLL
input
clock
(fPLL)
cycles
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com