Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE2 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7LITE2
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE2 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7LITE2 Datasheet HTML 53Page - STMicroelectronics ST7LITE2 Datasheet HTML 54Page - STMicroelectronics ST7LITE2 Datasheet HTML 55Page - STMicroelectronics ST7LITE2 Datasheet HTML 56Page - STMicroelectronics ST7LITE2 Datasheet HTML 57Page - STMicroelectronics ST7LITE2 Datasheet HTML 58Page - STMicroelectronics ST7LITE2 Datasheet HTML 59Page - STMicroelectronics ST7LITE2 Datasheet HTML 60Page - STMicroelectronics ST7LITE2 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 131 page
background image
ST7LITE2
57/131
12-BIT AUTORELOAD TIMER (Cont’d)
Figure 37. PWM Signal from 0% to 100% Duty Cycle
Output Compare Mode
This mode is always available.
To use this function, load a 12-bit value in the
DCRxH and DCRxL registers.
When the 12-bit upcounter (CNTR) reaches the
value stored in the DCRxH and DCRxL registers,
the CMPF bit in the PWMxCSR register is set and
an interrupt request is generated if the CMPIE bit
is set.
Note: The output compare function is only availa-
ble for DCRx values other than 0 (reset value).
Break Function
The break function is used to perform an emergen-
cy shutdown of the power converter.
The break function is activated by the external
BREAK pin (active low). In order to use the
BREAK pin it must be previously enabled by soft-
ware setting the BPEN bit in the BREAKCR regis-
ter.
When a low level is detected on the BREAK pin,
the BA bit is set and the break function is activat-
ed.
Software can set the BA bit to activate the break
function without using the BREAK pin.
When the break function is activated (BA bit =1):
– The break pattern (PWM[3:0] bits in the BREAK-
CR) is forced directly on the PWMx output pins
(after the inverter).
– The 12-bit PWM counter is set to its reset value.
– The ARR, DCRx and the corresponding shadow
registers are set to their reset values.
– The PWMCR register is reset.
When the break function is deactivated after ap-
plying the break (BA bit goes from 1 to 0 by soft-
ware):
– The control of PWM outputs is transferred to the
port registers.
COUNTER
t
FFDh
FFEh
FFFh
FFDh
FFEh
FFFh
FFDh
FFEh
DCRx=000h
DCRx=FFDh
DCRx=FFEh
DCRx=000h
ATR= FFDh
fCOUNTER
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com