Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7LITE2
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE2 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7LITE2 Datasheet HTML 1Page - STMicroelectronics ST7LITE2 Datasheet HTML 2Page - STMicroelectronics ST7LITE2 Datasheet HTML 3Page - STMicroelectronics ST7LITE2 Datasheet HTML 4Page - STMicroelectronics ST7LITE2 Datasheet HTML 5Page - STMicroelectronics ST7LITE2 Datasheet HTML 6Page - STMicroelectronics ST7LITE2 Datasheet HTML 7Page - STMicroelectronics ST7LITE2 Datasheet HTML 8Page - STMicroelectronics ST7LITE2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
August 2003
1/131
Rev. 2.0
ST7LITE2
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,
DATA EEPROM, ADC, TIMERS, SPI
s
Memories
– 8 Kbytes single voltage Flash Program mem-
ory with read-out protection, In-Circuit Pro-
gramming and In-Application programming
(ICP and IAP). 10K write/erase cycles guar-
anteed, data retention: 20 years at 55°C.
– 384 bytes RAM
– 256 bytes data EEPROM with read-out pro-
tection. 300K write/erase cycles guaranteed,
data retention: 20 years at 55°C.
s
Clock, Reset and Supply Management
– Enhanced reset system
– Enhanced low voltage supervisor (LVD) for
main supply and an auxiliary voltage detector
(AVD) with interrupt capability for implement-
ing safe power-down procedures
– Clock sources: Internal 1% RC oscillator,
crystal/ceramic resonator or external clock
– Internal 32-MHz input clock for Auto-reload
timer
– Optional x4 or x8 PLL for 4 or 8 MHz internal
clock
– Five Power Saving Modes: Halt, Active-Halt,
Wait and Slow, Auto Wake Up From Halt
s
I/O Ports
– Up to 15 multifunctional bidirectional I/O lines
–7 high sink outputs
s
4 Timers
– Configurable Watchdog Timer
– Two 8-bit Lite Timers with prescaler,
1 realtime base and 1 input capture
– One 12-bit Auto-reload Timer with 4 PWM
outputs, input capture and output compare
functions
s
1 Communication Interface
– SPI synchronous serial interface
s
Interrupt Management
– 10 interrupt vectors plus TRAP and RESET
– 15 external interrupt lines (on 4 vectors)
s
A/D Converter
– 7 input channels
– Fixed gain Op-amp
– 13-bit resolution for 0 to 430 mV (@ 5V VDD)
– 10-bit resolution for 430 mV to 5V (@ 5V VDD)
s
Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instructions
s
Development Tools
– Full hardware/software development package
– DM (Debug Module)
Device Summary
DIP20
SO20
300”
Features
ST7LITE20
ST7LITE25
ST7LITE29
Program memory - bytes
8K
RAM (stack) - bytes
384 (128)
Data EEPROM - bytes
-
-
256
Peripherals
Lite Timer with Watchdog,
Autoreload Timer, SPI,
10-bit ADC with Op-Amp
Lite Timer with Watchdog,
Autoreload Timer with 32-MHz input clock,
SPI, 10-bit ADC with Op-Amp
Operating Supply
2.4V to 5.5V
CPU Frequency
Up to 8Mhz
(w/ ext OSC up to 16MHz)
Up to 8Mhz (w/ ext OSC up to 16MHz
and int 1MHz RC 1% PLLx8/4MHz)
Operating Temperature
-40°C to +85°C
Packages
SO20 300”, DIP20
1


Similar Part No. - ST7LITE2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
2Mb / 133P
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
30-Aug-2004
ST7LITE20F2 STMICROELECTRONICS-ST7LITE20F2 Datasheet
1Mb / 166P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
25-Jun-2013
ST7LITE25F2 STMICROELECTRONICS-ST7LITE25F2 Datasheet
1Mb / 166P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
25-Jun-2013
ST7LITE29F2 STMICROELECTRONICS-ST7LITE29F2 Datasheet
1Mb / 166P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
25-Jun-2013
ST7LITE2 STMICROELECTRONICS-ST7LITE2_06 Datasheet
2Mb / 133P
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
30-Aug-2004
More results

Similar Description - ST7LITE2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
19-Nov-2004
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
Jul-2005
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
May-2007
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
16-Nov-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com