Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3NK90Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP3NK90Z
Description  N-channel 900 V, 4.1 Ω typ., 3 A Zener-protected SuperMESH™Power MOSFET in DPAK, TO-220 and TO-220FP packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK90Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP3NK90Z Datasheet HTML 1Page - STMicroelectronics STP3NK90Z Datasheet HTML 2Page - STMicroelectronics STP3NK90Z Datasheet HTML 3Page - STMicroelectronics STP3NK90Z Datasheet HTML 4Page - STMicroelectronics STP3NK90Z Datasheet HTML 5Page - STMicroelectronics STP3NK90Z Datasheet HTML 6Page - STMicroelectronics STP3NK90Z Datasheet HTML 7Page - STMicroelectronics STP3NK90Z Datasheet HTML 8Page - STMicroelectronics STP3NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
January 2013
Doc ID 9193 Rev 2
1/20
20
STD3NK90Z, STP3NK90Z, STP3NK90ZFP
N-channel 900 V, 4.1
Ω typ., 3 A Zener-protected SuperMESH™
Power MOSFET in DPAK, TO-220 and TO-220FP packages
Datasheet
− production data
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very good manufacturing repeatability
■ Very low intrinsic capacitances
Applications
■ Switching applications
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDS
RDS(on)
ID
PTOT
STD3NK90ZT4
900 V
4.8
Ω
3 A
90 W
STP3NK90Z
STP3NK90ZFP
25 W
1
2
3
1
3
TAB
2
TO-220
TO-220FP
DPAK
SC15010
, TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD3NK90ZT4
D3NK90Z
DPAK
Tape and reel
STP3NK90Z
P3NK90Z
TO-220
Tube
STP3NK90ZFP
P3NK90ZFP
TO-220FP
www.st.com


Similar Part No. - STP3NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
logo
Inchange Semiconductor ...
STP3NK90Z ISC-STP3NK90Z Datasheet
373Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP3NK90ZFP STMICROELECTRONICS-STP3NK90ZFP Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STP3NK90ZFP STMICROELECTRONICS-STP3NK90ZFP Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
More results

Similar Description - STP3NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP21N90K5 STMICROELECTRONICS-STP21N90K5 Datasheet
998Kb / 22P
N-channel 900 V, 0.25 廓 typ., 18.5 A Zener-protected SuperMESH??5 Power MOSFET in a D2PAK, TO-220FP, TO-220 and TO-247 packages
12-Oct-2012
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 3.5 Ω typ., 2 A Zener-protected SuperMESH™ 5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STD2N95K5 STMICROELECTRONICS-STD2N95K5 Datasheet
1Mb / 23P
N-channel 950 V, 4.2 Ω typ., 2 A Zener-protected SuperMESH™5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
25-Sep-2013
STD3N80K5 STMICROELECTRONICS-STD3N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 2.8 Ω typ., 2.5 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
17-Jan-2014
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
15-Mar-2012
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com