Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3NK90Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP3NK90Z
Description  N-channel 900 V, 4.1 Ω typ., 3 A Zener-protected SuperMESH™Power MOSFET in DPAK, TO-220 and TO-220FP packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK90Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP3NK90Z Datasheet HTML 1Page - STMicroelectronics STP3NK90Z Datasheet HTML 2Page - STMicroelectronics STP3NK90Z Datasheet HTML 3Page - STMicroelectronics STP3NK90Z Datasheet HTML 4Page - STMicroelectronics STP3NK90Z Datasheet HTML 5Page - STMicroelectronics STP3NK90Z Datasheet HTML 6Page - STMicroelectronics STP3NK90Z Datasheet HTML 7Page - STMicroelectronics STP3NK90Z Datasheet HTML 8Page - STMicroelectronics STP3NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
STD3NK90Z, STP3NK90Z, STP3NK90ZFP
Electrical ratings
Doc ID 9193 Rev 2
3/20
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK, TO-220
TO-220FP
VDS
Drain-source voltage
900
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
3
3 (1)
1.
Limited by maximum junction temperature
A
ID
Drain current (continuous) at TC = 100°C
1.89
1.89 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
12
12 (1)
A
PTOT
Total dissipation at TC = 25°C
90
25
W
Derating factor
0.72
0.2
W/°C
ESD
Gate-source human body model (R=1,5
k
Ω, C=100 pF)
4kV
dv/dt (3)
3.
ISD < 3A, di/dt < 200A/µs, VDD =80% V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from
all three
leads to external heat sink
(t=1s;TC=25°C)
2500
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
DPAK
TO-220
TO-220FP
Unit
Rthj-case Thermal resistance junction-case max
1.38
5
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb max
50
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
3A
EAS
Single pulse avalanche energy
(starting Tj=25°C, ID=IAR, VDD= 50V)
180
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com