Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F2B6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7FLITE25F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F2B6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7FLITE25F2B6 Datasheet HTML 8Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 9Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 10Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 11Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 12Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 13Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 14Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 15Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 166 page
background image
Description
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
12/166
Doc ID 8349 Rev 5
1
Description
ST7LITE20F2, ST7LITE25F2 and ST7LITE29F2 are referred to as ST7LITE2. The
ST7LITE2 is a member of the ST7 microcontroller family. All ST7 devices are based on a
common industry-standard 8-bit core, featuring an enhanced instruction set.
The ST7LITE2 features FLASH memory with byte-by-byte In-Circuit Programming (ICP) and
In-Application Programming (IAP) capability.
Under software control, the ST7LITE2 device can be placed in WAIT, SLOW, or HALT mode,
reducing power consumption when the application is in idle or standby state.
The enhanced instruction set and addressing modes of the ST7 offer both power and
flexibility to software developers, enabling the design of highly efficient and compact
application code. In addition to standard 8-bit data management, all ST7 microcontrollers
feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.
For easy reference, all parametric data are located in Section 15: Device configuration.
The devices feature an on-chip Debug Module (DM) to support in-circuit debugging (ICD).
For a description of the DM registers, refer to the ST7 ICC Protocol Reference Manual.
Table 1.
Device summary
Features
ST7LITE20F2
ST7LITE25F2
ST7LITE29F2
Program memory -
bytes
8 Kbyte
RAM (stack) - bytes
384 (128)
Data EEPROM - bytes
−−
256
Peripherals
Lite timer with Watchdog,
autoreload timer, SPI,
10-bit ADC with Op-Amp
Lite timer with watchdog,
autoreload timer with 32-MHz input clock, SPI,
10-bit ADC with op-amp
Operating supply
2.4V to 5.5V
CPU frequency
Up to 8 MHz
(w/ ext OSC up to 16 MHz)
Up to 8 MHz (w/ ext OSC up to 16 MHz
and int 1MHz RC 1% PLLx8/4 MHz)
Operating temperature
–40 °C to +85 °C
Packages
SO20 300”, DIP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com